Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F1320E/SOSQTP Datasheet(PDF) 158 Page - Microchip Technology

Part # PIC18F1320E/SOSQTP
Description  18/20/28-Pin High-Performance, Enhanced Flash Microcontrollers
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1320E/SOSQTP Datasheet(HTML) 158 Page - Microchip Technology

Back Button PIC18F1320E/SOSQTP Datasheet HTML 154Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 155Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 156Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 157Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 158Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 159Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 160Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 161Page - Microchip Technology PIC18F1320E/SOSQTP Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 308 page
background image
PIC18F1220/1320
DS39605F-page 156
© 2007 Microchip Technology Inc.
REGISTER 17-2:
ADCON1: A/D CONTROL REGISTER 1
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
PCFG6: A/D Port Configuration bit – AN6
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 5
PCFG5: A/D Port Configuration bit – AN5
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 4
PCFG4: A/D Port Configuration bit – AN4
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 3
PCFG3: A/D Port Configuration bit – AN3
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 2
PCFG2: A/D Port Configuration bit – AN2
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 1
PCFG1: A/D Port Configuration bit – AN1
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
bit 0
PCFG0: A/D Port Configuration bit – AN0
1
= Pin configured as a digital port
0
= Pin configured as an analog channel – digital input disabled and reads ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com