Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIF0 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 97Page - ATMEL Corporation PCIF0 Datasheet HTML 98Page - ATMEL Corporation PCIF0 Datasheet HTML 99Page - ATMEL Corporation PCIF0 Datasheet HTML 100Page - ATMEL Corporation PCIF0 Datasheet HTML 101Page - ATMEL Corporation PCIF0 Datasheet HTML 102Page - ATMEL Corporation PCIF0 Datasheet HTML 103Page - ATMEL Corporation PCIF0 Datasheet HTML 104Page - ATMEL Corporation PCIF0 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 294 page
background image
101
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
Figure 10-11 shows the setting of OCF0A and the clearing of TCNT0 in CTC mode.
Figure 10-11. Timer/Counter Timing Diagram, Clear Timer on Compare Match mode, with
Prescaler (f
clk_I/O/8)
10.9
Asynchronous Operation of Timer/Counter0
When Timer/Counter0 operates asynchronously, some considerations must be taken.
• Warning: When switching between asynchronous and synchronous clocking of
Timer/Counter0, the timer registers TCNT0, OCR0A, and TCCR0A might be corrupted. A
safe procedure for switching clock source is:
a.
Disable the Timer/Counter0 interrupts by clearing OCIE0A and TOIE0.
b.
Select clock source by setting AS0 and EXCLK as appropriate.
c.
Write new values to TCNT0, OCR0A, and TCCR0A.
d.
To switch to asynchronous operation: Wait for TCN0UB, OCR0UB, and TCR0UB.
e.
Clear the Timer/Counter0 interrupt flags.
f.
Enable interrupts, if needed.
• If an 32.768kHz watch crystal is used, the CPU main clock frequency must be more than
four times the Oscillator or external clock frequency.
• When writing to one of the registers TCNT0, OCR0A, or TCCR0A, the value is transferred
to a temporary register, and latched after two positive edges on TOSC1. The user should
not write a new value before the contents of the temporary register have been transferred
to its destination. Each of the three mentioned registers have their individual temporary
register, which means that e.g. writing to TCNT0 does not disturb an OCR0A write in
progress. To detect that a transfer to the destination register has taken place, the
Asynchronous Status Register – ASSR has been implemented.
• When entering Power-save mode after having written to TCNT0, OCR0A, or TCCR0A, the
user must wait until the written register has been updated if Timer/Counter0 is used to
wake up the device. Otherwise, the MCU will enter sleep mode before the changes are
effective. This is particularly important if the Output Compare0 interrupt is used to wake up
the device, since the Output Compare function is disabled during writing to OCR0A or
TCNT0. If the write cycle is not finished, and the MCU enters sleep mode before the
OCR0UB bit returns to zero, the device will never receive a compare match interrupt, and
the MCU will not wake up.
OCFnx
OCRnx
TCNTn
(CTC)
TOP
TOP - 1
TOP
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com