Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIF0 Datasheet(PDF) 144 Page - ATMEL Corporation

Part # PCIF0
Description  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PCIF0 Datasheet(HTML) 144 Page - ATMEL Corporation

Back Button PCIF0 Datasheet HTML 140Page - ATMEL Corporation PCIF0 Datasheet HTML 141Page - ATMEL Corporation PCIF0 Datasheet HTML 142Page - ATMEL Corporation PCIF0 Datasheet HTML 143Page - ATMEL Corporation PCIF0 Datasheet HTML 144Page - ATMEL Corporation PCIF0 Datasheet HTML 145Page - ATMEL Corporation PCIF0 Datasheet HTML 146Page - ATMEL Corporation PCIF0 Datasheet HTML 147Page - ATMEL Corporation PCIF0 Datasheet HTML 148Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 294 page
background image
144
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The interconnection between Master and Slave CPUs with SPI is shown in Figure 13-2. The
system consists of two shift Registers, and a Master clock generator. The SPI Master initiates
the communication cycle when pulling low the Slave Select SS pin of the desired Slave. Mas-
ter and Slave prepare the data to be sent in their respective shift Registers, and the Master
generates the required clock pulses on the SCK line to interchange data. Data is always
shifted from Master to Slave on the Master Out – Slave In, MOSI, line, and from Slave to Mas-
ter on the Master In – Slave Out, MISO, line. After each data packet, the Master will
synchronize the Slave by pulling high the Slave Select, SS, line.
When configured as a Master, the SPI interface has no automatic control of the SS line. This
must be handled by user software before communication can start. When this is done, writing
a byte to the SPI Data Register starts the SPI clock generator, and the hardware shifts the
eight bits into the Slave. After shifting one byte, the SPI clock generator stops, setting the end
of transmission flag (SPIF). If the SPI Interrupt Enable bit (SPIE) in the SPCR Register is set,
an interrupt is requested. The Master may continue to shift the next byte by writing it into
SPDR, or signal the end of packet by pulling high the Slave Select, SS line. The last incoming
byte will be kept in the Buffer Register for later use.
When configured as a Slave, the SPI interface will remain sleeping with MISO tri-stated as
long as the SS pin is driven high. In this state, software may update the contents of the SPI
Data Register, SPDR, but the data will not be shifted out by incoming clock pulses on the SCK
pin until the SS pin is driven low. As one byte has been completely shifted, the end of trans-
mission flag, SPIF is set. If the SPI Interrupt Enable bit, SPIE, in the SPCR Register is set, an
interrupt is requested. The Slave may continue to place new data to be sent into SPDR before
reading the incoming data. The last incoming byte will be kept in the Buffer Register for later
use.
Figure 13-2. SPI Master-slave Interconnection
The system is single buffered in the transmit direction and double buffered in the receive direc-
tion. This means that bytes to be transmitted cannot be written to the SPI Data Register before
the entire shift cycle is completed. When receiving data, however, a received character must
be read from the SPI Data Register before the next character has been completely shifted in.
Otherwise, the first byte is lost.
In SPI Slave mode, the control logic will sample the incoming signal of the SCK pin. To ensure
correct sampling of the clock signal, the frequency of the SPI clock should never exceed
fclkio/4.
SHIFT
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com