Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-013-12 Datasheet(PDF) 1 Page - Tyco Electronics

Part # B-013-12
Description  SPECIFICATION CONTROL DRAWING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

B-013-12 Datasheet(HTML) 1 Page - Tyco Electronics

  B-013-12 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
300 Constitution Drive
Menlo Park, CA 94025, USA
THERMOFIT
DEVICES
TITLE:
SOLDERSLEEVE DEVICE
WITH LOCALIZED SOLDER
HIGH TEMPERATURE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
B-013-1X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Raychem reserves the right to amend this
drawing at any time. Users should evaluate
the suitability of the product for their
application.
DCR NUMBER:
D000155
REPLACES:
D980890
DRAWN BY:
M. FORONDA
DATE:
19-April-00
PROD. REV.:
SEE TABLE
DOC. ISSUE:
17
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Product Revision
Product Dimensions
Cable Dimensions
Product
Name
L
max
øA
min
øB
min
øE
max
øC
max
øD
min
øF
min
H
±0.5
(H
±0.02)
G
±0.5
(G
±0.02)
B-013-10
H
17.2
(0.675)
2.6
(0.085)
3.9
(0.155)
2.6
(0.100)
3.9
(0.155)
1.4
(0.055)
1.2
(0.045)
5.5
(0.215)
7.0
(0.275)
B-013-11
E
17.2
(0.675)
4.8
(0.190)
5.9
(0.230)
4.8
(0.190)
5.9
(0.230)
2.5
(0.100)
1.7
(0.065)
5.5
(0.215)
7.0
(0.275)
B-013-12
F
20.8
(0.820)
6.8
(0.270)
8.3
(0.325)
6.8
(0.270)
8.3
(0.325)
4.1
(0.160)
3.0
(0.120)
5.5
(0.215)
7.0
(0.275)
B-013-13
F
24.5
(0.965)
10
(0.395)
11.6
(0.455)
10
(0.395)
11.6
(0.455)
6.5
(0.255)
4.5
(0.175)
8.0
(0.315)
9.5
(0.375)
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn96 per ANSI-J-STD-006.
FLUX:
TYPE ROM1 per ANSI-J-STD-004.
3. MELTABLE SEALING RINGS: Thermally stabilized thermoplastic. Color: blue.
APPLICATION
1. These controlled soldering devices are designed for termination of a nickel plated copper shield on cables having an insulation
rated for at least +150
°C.
2. Temperature range: -55
°C to +175°C with excursion to 200°C.
3. When installed per Raychem Process Standard, RCPS-100-70 or Aerospatiale Process Standard, IPDA 83-16, assemblies will meet
those requirements of Raychem Specifications RT-1404.
For best results, prepare
the cable as shown:
If this document is printed it becomes uncontrolled.
Check with the web for latest revision.


Similar Part No. - B-013-12

ManufacturerPart #DatasheetDescription
logo
NEC
B-01-A NEC-B-01-A Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
B-01-A KEMET-B-01-A Datasheet
74Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
logo
NEC
B-01-A1 NEC-B-01-A1 Datasheet
2Mb / 45P
   DC Line Fileters
logo
Kemet Corporation
B-01-A1 KEMET-B-01-A1 Datasheet
79Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
logo
NEC
B-01-A2 NEC-B-01-A2 Datasheet
2Mb / 45P
   DC Line Fileters
More results

Similar Description - B-013-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
007967-000 MACOM-007967-000 Datasheet
46Kb / 2P
   Specification Control Drawing
222K152-25 MACOM-222K152-25 Datasheet
54Kb / 2P
   Specification Control Drawing
004241-000 MACOM-004241-000 Datasheet
114Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K142-25-0 MACOM-202K142-25-0 Datasheet
58Kb / 2P
   Specification Control Drawing
202K132-25 MACOM-202K132-25 Datasheet
58Kb / 2P
   Specification Control Drawing
logo
List of Unclassifed Man...
SLT-3X ETC-SLT-3X Datasheet
36Kb / 1P
   SPECIFICATION CONTROL DRAWING
202K163-25 ETC2-202K163-25 Datasheet
58Kb / 2P
   specification control drawing
logo
Tyco Electronics
202K142-25 MACOM-202K142-25 Datasheet
58Kb / 2P
   Specification Control Drawing
022477-000 MACOM-022477-000 Datasheet
46Kb / 2P
   Specification Control Drawing
CS250 MACOM-CS250 Datasheet
100Kb / 1P
   SPECIFICATION CONTROL DRAWING
S03-05-R-100 MACOM-S03-05-R-100 Datasheet
97Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com