Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J-7-V Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # J-7-V
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

J-7-V Datasheet(HTML) 3 Page - Omron Electronics LLC

  J-7-V Datasheet HTML 1Page - Omron Electronics LLC J-7-V Datasheet HTML 2Page - Omron Electronics LLC J-7-V Datasheet HTML 3Page - Omron Electronics LLC J-7-V Datasheet HTML 4Page - Omron Electronics LLC J-7-V Datasheet HTML 5Page - Omron Electronics LLC J-7-V Datasheet HTML 6Page - Omron Electronics LLC J-7-V Datasheet HTML 7Page - Omron Electronics LLC J-7-V Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
J
J
205
Approved Standards
Consult your OMRON sales representative for specific models with
standard approvals.
UL508 (File No. E41515)/
CSA C22.2 No. 55 (File No. LR21642)
Rated voltage
J-7
125 VAC
7 A
250 VAC
Contact Specifications
Contact
Specification
Rivet
Material
Silver plated
Gold plated
Gap (standard value)
0.35 mm
Inrush
t
NC
15 A max.
current
NO
7 A max.
Minimum applicable load
30 mA at 5 VDC
Contact Form
SPDT
Engineering Data (Reference Values)
Mechanical Durability
Electrical Durability
Overtravel (mm)
100,000
70,000
50,000
30,000
10,000
7,000
5,000
3,000
1,000
0
0.1
0.2
0.3
0.4
0.5
Without load
Operating frequency:
400 operations/min
Resistive load: cos
φ = 1
Operating frequency:
20 operations min. max.
cos
φ=1
125 VAC
250 VAC
1,000
700
500
300
200
100
70
50
30
20
10
01
23
4
5
6
7
8
Switching current (A)
Ambient temperature: 20
±2 °C
Ambient humidity: 65
±5%
Ambient temperature: 20
±2 °C
Ambient humidity: 65
±5%


Similar Description - J-7-V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
D2FD OMRON-D2FD Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com