Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J-7-V Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # J-7-V
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

J-7-V Datasheet(HTML) 4 Page - Omron Electronics LLC

  J-7-V Datasheet HTML 1Page - Omron Electronics LLC J-7-V Datasheet HTML 2Page - Omron Electronics LLC J-7-V Datasheet HTML 3Page - Omron Electronics LLC J-7-V Datasheet HTML 4Page - Omron Electronics LLC J-7-V Datasheet HTML 5Page - Omron Electronics LLC J-7-V Datasheet HTML 6Page - Omron Electronics LLC J-7-V Datasheet HTML 7Page - Omron Electronics LLC J-7-V Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
J
J
206
Dimensions
Mounting Holes
Note:
All units are in millimeters unless otherwise indicated.
M 2.3 screw holes
4.8
± 0.1
Dimensions and Operating Characteristics
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.2 mm applies to all dimensions.
3. The operating characteristics are for operation in the A direction ( ).
Model
J-7
OF max.
1.37 N {140 gf}
RF min.
{g }
0.27 N {28 gf}
PT max.
0.6 mm
OT min.
0.1 mm
MD max.
0.15 mm
OP
8.1
±0.3 mm
Model
J-7-V
OF max.
0.49 N {50 gf}
RF min.
{g }
0.08 N {9 g}
PT max.
1.7 mm
OT min.
0.35 mm
MD max.
0.5 mm
OP
8.3
±1.2 mm
Model
J-7-V3
OF max.
0.29 N {30 gf}
RF min.
{g }
0.04 N {5 gf}
PT max.
2.9 mm
OT min.
0.5 mm
MD max.
0.7 mm
OP
8.3
±1.9 mm
Pin Plunger Models
J-7
3.5 dia.
1.5 dia.
2.35
+0.05
–0.025
1.5 dia.
0.8R (plastic pin plunger)
2.35
+0.05
–0.025
dia.
PT
OP
3.95
4.8
±0.05
12.7
2.3
5.1
8.9
5.1
±0.1
2.5
dia.
+0.05
–0.025
A
Short Hinge Lever Models
J-7-V
2.5
dia.
+0.05
–0.025
1 dia.
1.5 dia.
12.7R
±0.4
t = 0.3
(see note)
2.35
+0.05
–0.025
2.35
+0.05
–0.025
dia.
9.3
9.15
±0.4
8
PT
OP
6.6
2.3
5.1
11.45
±0.4
5.1
±0.1
4.8
±0.05 3.95
12.7
14.7
2.3
Note:
Stainless-steel spring lever
A
Hinge Lever Models
J-7-V3
Note:
Stainless-steel spring lever
1 dia.
1.5 dia.
22R
±0.4
t = 0.3
(see note)
PT
OP
6.6
2.3
5.1
2.35
+0.05
–0.025
dia.
2.35
+0.05
–0.025
9.15
±0.4
8
4.8
±0.05 3.95
12.7
14.7
9.3
11.45
±0.4
5.1
±0.1
2.3
2.5
dia.
+0.05
–0.025
A


Similar Description - J-7-V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
D2FD OMRON-D2FD Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com