Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J-7-V Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # J-7-V
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

J-7-V Datasheet(HTML) 6 Page - Omron Electronics LLC

  J-7-V Datasheet HTML 1Page - Omron Electronics LLC J-7-V Datasheet HTML 2Page - Omron Electronics LLC J-7-V Datasheet HTML 3Page - Omron Electronics LLC J-7-V Datasheet HTML 4Page - Omron Electronics LLC J-7-V Datasheet HTML 5Page - Omron Electronics LLC J-7-V Datasheet HTML 6Page - Omron Electronics LLC J-7-V Datasheet HTML 7Page - Omron Electronics LLC J-7-V Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
J
J
Accessories (Sold Separately)
Model
JAL
OF max.
1.95 N {199 gf}
RF min.
{g }
0.54 N {56 gf}
PT max.
5.2 mm
(reference value)
OT min.
(reference value)
0.3 mm
OT min.
MD max.
0.3 mm
0.8 mm
FP max.
13.1 mm
OP
8.7
±0.8 mm
Model
JAL2
OF max.
1.95 N {199 gf}
RF min.
{g }
0.54 N {56 gf}
PT max.
3.6 mm
(reference value)
OT min.
(reference value)
0.3 mm
OT min.
MD max.
0.3 mm
0.8 mm
FP max.
19.5 mm
OP
15.1
±0.8 mm
Precautions
Refer to pages 26 to 31 for common precautions.
Correct Use
Mounting
Use two M2.3 screws with plain washers or spring washers to se-
curely mount the Switch. Tighten the screws to a torque of 0.19 to
0.29 N
S m {2 to 3 kgf S cm}.
Soldering
To solder the lead to the terminal, apply a soldering iron rated at
30 W max. quickly (within 3 seconds) with the actuator at the free
position.
Applying a soldering iron for too long a time or using one that is rated
at more than 30 W may degrade the Switch characteristics.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527
Actuators
Leaf Spring
JAL
Note:
1.
Stainless-steel spring lever
2.
J-7 Subminiature Basic Switch
Two, M2.3
× 10
t = 0.3
(see note 1)
8.3
OP
FP
5.2
2.3
4.8
4.8
±0.1
13.6
3.6
3
5.6
see note 2
Insulating separator
A
JAL2
Two, M2.3
× 10
4.8 dia.
× 27
(see note 1)
OP
FP
5.2
2.3
4.8
4.8
±0.1
13.6
3
5.6
see note 2
Insulating separator
6.3
Note:
1.
Stainless-steel spring lever
2.
J-7 Subminiature Basic Switch
A


Similar Description - J-7-V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
D2FD OMRON-D2FD Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com