Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 212 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 212 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 208Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 209Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 210Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 211Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 212Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 213Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 214Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 215Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 216Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 307 page
background image
212
7707F–AVR–11/10
AT90USB82/162
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - FNCERR -Frame Number CRC Error Flag
Set by hardware when a corrupted Frame Number in start of frame packet is received.
This bit and the SOFI interrupt are updated at the same time.
• 3-0 - Reserved
The value read from these bits is always 0. Do not set these bits.
20.18.2
USB device endpoint registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - EPNUM2:0 Endpoint Number Bits
Set to select the number of the endpoint which shall be accessed by the CPU. See Section 20.5,
page 197 for more details.
Values greater than 100b are forbidden.
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4-0 - EPRST4:0 - Endpoint FIFO Reset Bits
Set to reset the selected endpoint FIFO prior to any other operation, upon hardware reset or
when an USB bus reset has been received. See Section 20.3, page 196 for more information
Bit
7
65
432
10
-
-
-
FNCERR
-
-
-
-
UDMFN
Read/Wri
te
RR
RR/W
R
R
R
R
Initial
Value
0
0
0
000
00
Bit
7
65
432
10
--
--
-
EPNUM2:0
UENUM
Read/Wri
te
R
R
R
R
R
R/W
R/W
R/W
Initial
Value
0
0
0
000
00
Bit
7
65
432
10
-
-
-
EPRST D4
EPRST D3
EPRST D2
EPRST D1
EPRST D0
UERST
Read/Wri
te
RR
RR/W
R/W
R/W
R/W
R/W
Initial
Value
0
0
0
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com