Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 287 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 287 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 283Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 284Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 285Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 286Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 287Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 288Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 289Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 290Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 291Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 307 page
background image
287
7707F–AVR–11/10
AT90USB82/162
27.13 Internal RC Oscillator Frequency
Figure 27-32. RC Oscillator Frequency vs. OSCCAL, T=25°C
Figure 27-33. RC Oscillator Frequency vs. Vcc
0
5
10
15
20
-1
15
31
47
63
79
95
111
127
143
159
175
191
207
223
239
255
OSCCAL (X1)
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
8.6
8.7
22.5
33.5
44.5
55.5
V
CC (V)
85°C
25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com