Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC7707 Datasheet(PDF) 300 Page - List of Unclassifed Manufacturers

Part # DOC7707
Description  Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DOC7707 Datasheet(HTML) 300 Page - List of Unclassifed Manufacturers

Back Button DOC7707 Datasheet HTML 296Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 297Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 298Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 299Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 300Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 301Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 302Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 303Page - List of Unclassifed Manufacturers DOC7707 Datasheet HTML 304Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 307 page
background image
300
7707F–AVR–11/10
AT90USB82/162
33. Datasheet Revision History for AT90USB82/162
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
33.1
Rev. 7707F – 11/10
33.2
Rev. 7707E – 11/08
33.3
Rev. 7707D
33.4
Rev. 7707C
33.5
Rev. 7707B
33.6
Rev. 7707A
1.
Updated “Interrupts” on page 188. FRZCLK bit set replaced by FRZCLK bit cleared
2.
Updated “Electrical Characteristics” on page 262. Added the UVCC min and max value
3.
Replaced “QFN32” on page 295 by an updated drawing.
4.
Updated the last page according to Atmel new Brand Style Guide
1.
Updated package descriptions.
2.
Added recomendation for ultrasonic assembly
3.
Updated typical self powered applications.
1.
Correction to Oscillator description, page 245.
1.
Updated Errata section.
1.
Removed all references to Timer/Counter 2, A/D Converter.
2.
Clarified information in Power Reduction Mode and Timer/Counter 1 sections.
3.
Added USB design guidelines and schematics.
4.
Updated AC/DC parameters.
5.
Updated Errata section.
1.
Initial revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com