Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48GA004 Datasheet(PDF) 208 Page - Microchip Technology

Part # 48GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA004 Datasheet(HTML) 208 Page - Microchip Technology

Back Button 48GA004 Datasheet HTML 204Page - Microchip Technology 48GA004 Datasheet HTML 205Page - Microchip Technology 48GA004 Datasheet HTML 206Page - Microchip Technology 48GA004 Datasheet HTML 207Page - Microchip Technology 48GA004 Datasheet HTML 208Page - Microchip Technology 48GA004 Datasheet HTML 209Page - Microchip Technology 48GA004 Datasheet HTML 210Page - Microchip Technology 48GA004 Datasheet HTML 211Page - Microchip Technology 48GA004 Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 208
 2010 Microchip Technology Inc.
REGISTER 24-1:
CW1: FLASH CONFIGURATION WORD 1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
r-x
R/PO-1
R/PO-1
R/PO-1
R/PO-1
r-1
R/PO-1
R/PO-1
r
JTAGEN
GCP
GWRP
DEBUG
r
ICS1
ICS0
bit 15
bit 8
R/PO-1
R/PO-1
U-1
R/PO-1R/PO-1R/PO-1R/PO-1R/PO-1
FWDTEN
WINDIS
—
FWPSA
WDTPS3
WDTPS2
WDTPS1
WDTPS0
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
PO = Program Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 23-16
Unimplemented:
Read as ‘1’
bit 15
Reserved:
The value is unknown; program as ‘0’
bit 14
JTAGEN:
JTAG Port Enable bit
1
= JTAG port is enabled
0
= JTAG port is disabled
bit 13
GCP:
General Segment Program Memory Code Protection bit
1
= Code protection is disabled
0
= Code protection is enabled for the entire program memory space
bit 12
GWRP:
General Segment Code Flash Write Protection bit
1
= Writes to program memory are allowed
0
= Writes to program memory are disabled
bit 11
DEBUG:
Background Debugger Enable bit
1
= Device resets into Operational mode
0
= Device resets into Debug mode
bit 10
Reserved:
Always maintain as ‘1’
bit 9-8
ICS1:ICS0:
Emulator Pin Placement Select bits
11
= Emulator EMUC1/EMUD1 pins are shared with PGC1/PGD1
10
= Emulator EMUC2/EMUD2 pins are shared with PGC2/PGD2
01
= Emulator EMUC3/EMUD3 pins are shared with PGC3/PGD3
00
= Reserved; do not use
bit 7
FWDTEN:
Watchdog Timer Enable bit
1
= Watchdog Timer is enabled
0
= Watchdog Timer is disabled
bit 6
WINDIS:
Windowed Watchdog Timer Disable bit
1
= Standard Watchdog Timer enabled
0
= Windowed Watchdog Timer enabled; FWDTEN must be ‘1’
bit 5
Unimplemented:
Read as ‘1’
bit 4
FWPSA:
WDT Prescaler Ratio Select bit
1
= Prescaler ratio of 1:128
0
= Prescaler ratio of 1:32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com