Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48GA004 Datasheet(PDF) 175 Page - Microchip Technology

Part # 48GA004
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA004 Datasheet(HTML) 175 Page - Microchip Technology

Back Button 48GA004 Datasheet HTML 171Page - Microchip Technology 48GA004 Datasheet HTML 172Page - Microchip Technology 48GA004 Datasheet HTML 173Page - Microchip Technology 48GA004 Datasheet HTML 174Page - Microchip Technology 48GA004 Datasheet HTML 175Page - Microchip Technology 48GA004 Datasheet HTML 176Page - Microchip Technology 48GA004 Datasheet HTML 177Page - Microchip Technology 48GA004 Datasheet HTML 178Page - Microchip Technology 48GA004 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 175
PIC24FJ64GA004 FAMILY
FIGURE 18-5:
MASTER MODE, PARTIALLY MULTIPLEXED ADDRESSING (SEPARATE READ
AND WRITE STROBES, SINGLE CHIP SELECT)
FIGURE 18-6:
MASTER MODE, FULLY MULTIPLEXED ADDRESSING (SEPARATE READ AND
WRITE STROBES, SINGLE CHIP SELECT)
FIGURE 18-7:
EXAMPLE OF A MULTIPLEXED ADDRESSING APPLICATION
FIGURE 18-8:
EXAMPLE OF A PARTIALLY MULTIPLEXED ADDRESSING APPLICATION
PMRD
PMWR
PMD<7:0>
PMCS1
PMA<10:8>
PMALL
PMA<7:0>
PIC24F
Address Bus
Multiplexed
Data and
Address Bus
Control Lines
PMRD
PMWR
PMD<7:0>
PMCS1
PMALH
PMA<15:8>
PIC24F
Multiplexed
Data and
Address Bus
Control Lines
PMALL
PMA<7:0>
PMD<7:0>
PMALH
D<7:0>
373
A<15:0>
D<7:0>
A<7:0>
373
PMRD
PMWR
OE
WR
CE
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMALL
A<15:8>
PMA<10:8>
D<7:0>
373
A<10:0>
D<7:0>
A<7:0>
PMRD
PMWR
OE
WR
CE
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMALL
A<10:8>
PMD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com