Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ12GP201TE/ML Datasheet(PDF) 147 Page - Microchip Technology

Part # DSPIC33FJ12GP201TE/ML
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ12GP201TE/ML Datasheet(HTML) 147 Page - Microchip Technology

Back Button DSPIC33FJ12GP201TE/ML Datasheet HTML 143Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 144Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 145Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 146Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 147Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 148Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 149Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 150Page - Microchip Technology DSPIC33FJ12GP201TE/ML Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 242 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70264B-page 145
dsPIC33FJ12GP201/202
15.5
I2C Module Addresses
The 10-bit I2CxADD register contains the Slave mode
addresses.
If the A10M bit (I2CxCON<10>) is ‘0’, the address is
interpreted by the module as a 7-bit address. When an
address is received, it is compared to the 7 Least
Significant bits of the I2CxADD register.
If the A10M bit is ‘1’, the address is assumed to be a
10-bit address. When an address is received, it is
compared with the binary value, ‘11110 A9 A8’
(where ‘A9’ and ‘A8’ are two Most Significant bits of
I2CxADD). If that value matches, the next address will
be compared with the Least Significant 8 bits of
I2CxADD, as specified in the 10-bit addressing
protocol.
TABLE 15-1:
7-BIT I2C™ SLAVE
ADDRESSES SUPPORTED BY
dsPIC33FJ12GP201/202
15.6
Slave Address Masking
The I2CxMSK register (Register 15-3) designates
address bit positions as “don’t care” for both 7-bit and
10-bit Address modes. Setting a particular bit location
(= 1) in the I2CxMSK register causes the slave module
to respond, whether the corresponding address bit
value is a ‘0’ or ‘1’. For example, when I2CxMSK is set
to ‘00100000’, the Slave module will detect both
addresses, ‘0000000’ and ‘00100000’.
To enable address masking, the IPMI (Intelligent
Peripheral Management Interface) must be disabled by
clearing the IPMIEN bit (I2CxCON<11>).
15.7
IPMI Support
The control bit IPMIEN enables the module to support
the Intelligent Peripheral Management Interface (IPMI).
When this bit is set, the module accepts and acts upon
all addresses.
15.8
General Call Address Support
The general call address can address all devices.
When this address is used, all devices should, in
theory, respond with an Acknowledgement.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all ‘0’s with R_W = 0.
The general call address is recognized when the
General
Call
Enable
(GCEN)
bit
is
set
(I2CxCON<7> = 1). When the interrupt is serviced, the
source for the interrupt can be checked by reading the
contents of the I2CxRCV to determine if the address
was device-specific or a general call address.
15.9
Automatic Clock Stretch
In Slave modes, the module can synchronize buffer
reads and write to the master device by clock stretching.
15.9.1
TRANSMIT CLOCK STRETCHING
Both 10-bit and 7-bit Transmit modes implement clock
stretching by asserting the SCLREL bit after the falling
edge of the ninth clock, if the TBF bit is cleared,
indicating the buffer is empty.
In Slave Transmit modes, clock stretching is always
performed, irrespective of the STREN bit. The user’s
ISR must set the SCLREL bit before transmission is
allowed to continue. By holding the SCLx line low, the
user application has time to service the ISR and load
the contents of the I2CxTRN before the master device
can initiate another transmit sequence.
15.9.2
RECEIVE CLOCK STRETCHING
The STREN bit in the I2CxCON register can be used to
enable clock stretching in Slave Receive mode. When
the STREN bit is set, the SCLx pin will be held low at
the end of each data receive sequence.
The user’s ISR must set the SCLREL bit before
reception is allowed to continue. By holding the SCLx
line low, the user application has time to service the
ISR and read the contents of the I2CxRCV before the
master device can initiate another receive sequence.
This prevents buffer overruns.
15.10 Software Controlled Clock
Stretching (STREN = 1)
When the STREN bit is ‘1’, the software can clear the
SCLREL bit to allow software to control the clock
stretching.
If the STREN bit is ‘0’, a software write to the SCLREL
bit is disregarded and has no effect on the SCLREL bit.
0x00
General call address or Start byte
0x01-0x03
Reserved
0x04-0x07
Hs mode Master codes
0x08-0x77
Valid 7-bit addresses
0x78-0x7b
Valid 10-bit addresses
(lower 7 bits)
0x7c-0x7f
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com