Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 205 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 205 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 201Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 202Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 203Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 204Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 205Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 206Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 207Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 208Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 203
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 15-6:
PWMCONx: PWMx CONTROL REGISTER
HS/HC-0
HS/HC-0
HS/HC-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FLTSTAT(1)
CLSTAT(1)
TRGSTAT
FLTIEN
CLIEN
TRGIEN
ITB(3)
MDCS(3)
bit 15
bit 8
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
DTC<1:0>
—
—
—CAM(2,3)
XPRES(4)
IUE
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
FLTSTAT:
Fault Interrupt Status bit(1)
1
= Fault interrupt is pending
0
= No Fault interrupt is pending. This bit is cleared by setting FLTIEN = 0.
bit 14
CLSTAT:
Current-Limit Interrupt Status bit(1)
1
= Current-limit interrupt is pending
0
= No current-limit interrupt is pending. This bit is cleared by setting CLIEN = 0.
bit 13
TRGSTAT:
Trigger Interrupt Status bit
1
= Trigger interrupt is pending
0
= No trigger interrupt is pending. This bit is cleared by setting TRGIEN = 0.
bit 12
FLTIEN:
Fault Interrupt Enable bit
1
= Fault interrupt is enabled
0
= Fault interrupt is disabled and the FLTSTAT bit is cleared
bit 11
CLIEN:
Current-Limit Interrupt Enable bit
1
= Current-limit interrupt enabled
0
= Current-limit interrupt disabled and the CLSTAT bit is cleared
bit 10
TRGIEN:
Trigger Interrupt Enable bit
1
= A trigger event generates an interrupt request
0
= Trigger event interrupts are disabled and the TRGSTAT bit is cleared
bit 9
ITB:
Independent Time Base Mode bit(3)
1
= PHASEx/SPHASEx register provides time base period for this PWM generator
0
= PTPER register provides timing for this PWM generator
bit 8
MDCS:
Master Duty Cycle Register Select bit(3)
1
= MDC register provides duty cycle information for this PWM generator
0
= PDCx/SDCx register provides duty cycle information for this PWM generator
bit 7-6
DTC<1:0>:
Dead-Time Control bits
00
= Positive dead time actively applied for all output modes
01
= Negative dead time actively applied for all output modes
10
= Dead-time function is disabled
11
= Reserved
bit 5-3
Unimplemented:
Read as ‘0’
Note 1:
Software must clear the interrupt status here and the corresponding IFS bit in the interrupt controller.
2:
The Independent Time Base mode (ITB = 1) must be enabled to use Center-Aligned mode. If ITB = 0, the
CAM bit is ignored.
3:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.
4:
To operate in External Period Reset mode, configure FCLCONx<CLMOD> = 0 and PWMCONx<ITB> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com