Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 212 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 212 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 208Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 209Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 210Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 211Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 212Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 213Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 214Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 215Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 210
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 15-14: IOCONx: PWMx I/O CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PENH
PENL
POLH
POLL
PMOD<1:0>(1)
OVRENH
OVRENL
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OVRDAT<1:0>
FLTDAT<1:0>
CLDAT<1:0>
SWAP
OSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PENH:
PWMH Output Pin Ownership bit
1
= PWM module controls PWMxH pin
0
= GPIO module controls PWMxH pin
bit 14
PENL:
PWML Output Pin Ownership bit
1
= PWM module controls PWMxL pin
0
= GPIO module controls PWMxL pin
bit 13
POLH:
PWMH Output Pin Polarity bit
1
= PWMxH pin is active-low
0
= PWMxH pin is active-high
bit 12
POLL:
PWML Output Pin Polarity bit
1
= PWMxL pin is active-low
0
= PWMxL pin is active-high
bit 11-10
PMOD<1:0>:
PWM # I/O Pin Mode bits(1)
00
= PWM I/O pin pair is in the Complementary Output mode
01
= PWM I/O pin pair is in the Redundant Output mode
10
= PWM I/O pin pair is in the Push-Pull Output mode
11
= PWM I/O pin pair is in the True Independent Output mode
bit 9
OVRENH:
Override Enable for PWMxH Pin bit
1
= OVRDAT<1> provides data for output on PWMxH pin
0 = PWM generator provides data for PWMxH pin
bit 8
OVRENL:
Override Enable for PWMxL Pin bit
1
= OVRDAT<0> provides data for output on PWMxL pin
0
= PWM generator provides data for PWMxL pin
bit 7-6
OVRDAT<1:0>:
Data for PWMxH and PWMxL Pins if Override is Enabled bits
If OVERENH = 1 then OVRDAT<1> provides data for PWMxH.
If OVERENL = 1 then OVRDAT<0> provides data for PWMxL.
bit 5-4
FLTDAT<1:0>:
Data for PWMxH and PWMxL Pins if FLTMOD is Enabled bits
FCLCONx<IFLTMOD> = 0: Normal Fault mode:
If Fault active, then FLTDAT<1> provides data for PWMxH.
If Fault active, then FLTDAT<0> provides data for PWMxL.
FCLCONx<IFLTMOD> = 1: Independent Fault mode:
If current-limit active, then FLTDAT<1> provides data for PWMxH.
If Fault active, then FLTDAT<0> provides data for PWMxL.
Note 1:
These bits should be changed only when PTEN = 0. Changing the clock selection during operation will
yield unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com