Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 249 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 249 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 245Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 246Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 247Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 248Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 249Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 250Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 251Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 252Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 247
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 19-2:
ADSTAT: A/D STATUS REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
R/C-0, HS
—P6RDY(1)
P5RDY(2)
P4RDY(2)
P3RDY(3)
P2RDY(4)
P1RDY
P0RDY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
C = Clearable bit
‘1’ = Bit is set
HS = Hardware Settable bit
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
Unimplemented:
Read as ‘0’
bit 6
P6RDY:
Conversion Data for Pair 6 Ready bit(1)
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 5
P5RDY:
Conversion Data for Pair 5 Ready bit(2)
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 4
P4RDY:
Conversion Data for Pair 4 Ready bit(2)
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 3
P3RDY:
Conversion Data for Pair 3 Ready bit(3)
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 2
P2RDY:
Conversion Data for Pair 2 Ready bit(4)
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 1
P1RDY:
Conversion Data for Pair 1 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
bit 0
P0RDY:
Conversion Data for Pair 0 Ready bit
Bit is set when data is ready in buffer, cleared when a ‘0’ is written to this bit.
Note 1:
This bit is available in the dsPIC33FJ16GS502, dsPIC33FJ16GS504 and dsPIC33FJ06GS202 devices
only.
2:
This bit is available in the dsPIC33FJ16GS504 devices only.
3:
This bit is available in the dsPIC33FJ16GS402/404, dsPIC33FJ16GS502, dsPIC33FJ16GS504 and
dsPIC33FJ06GS101 devices only.
4:
This bit is available in the dsPIC33FJ16GS504 and dsPIC33FJ16GS502 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com