Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 288 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 288 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 284Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 285Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 286Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 287Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 288Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 289Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 290Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 291Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 286
Preliminary
© 2009 Microchip Technology Inc.
TABLE 24-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC20d
55
70
mA
-40°C
3.3V
10 MIPS
See Note 2
DC20a
55
70
mA
+25°C
DC20b
55
70
mA
+85°C
DC20c
55
70
mA
+125°C
DC21d
68
85
mA
-40°C
3.3V
16 MIPS
See Note 2 and Note 3
DC21a
68
85
mA
+25°C
DC21b
68
85
mA
+85°C
DC21c
68
85
mA
+125°C
DC22d
78
95
mA
-40°C
3.3V
20 MIPS
See Note 2 and Note 3
DC22a
78
95
mA
+25°C
DC22b
78
95
mA
+85°C
DC22c
78
95
mA
+125°C
DC23d
88
110
mA
-40°C
3.3V
30 MIPS
See Note 2 and Note 3
DC23a
88
110
mA
+25°C
DC23b
88
110
mA
+85°C
DC23c
88
110
mA
+125°C
DC24d
98
120
mA
-40°C
3.3V
40 MIPS
See Note 2
DC24a
98
120
mA
+25°C
DC24b
98
120
mA
+85°C
DC24c
98
120
mA
+125°C
DC25d
128
160
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at maximum speed
(PTCON2 = 0x0000)
DC25a
125
150
mA
+25°C
DC25b
121
150
mA
+85°C
DC25c
119
150
mA
+125°C
DC26d
115
140
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/2 speed
(PTCON2 = 0x0001)
DC26a
112
140
mA
+25°C
DC26b
110
140
mA
+85°C
DC26c
108
140
mA
+125°C
DC27d
111
140
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/4 speed
(PTCON2 = 0x0002)
DC27a
108
130
mA
+25°C
DC27b
105
130
mA
+85°C
DC27c
103
130
mA
+125°C
DC28d
102
130
mA
-40°C
3.3V
40 MIPS
See Note 2, except PWM is
operating at 1/8 speed
(PTCON2 = 0x0003)
DC28a
100
120
mA
+25°C
DC28b
100
120
mA
+85°C
DC28c
100
120
mA
+125°C
Note 1:
Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VSS.
MCLR = VDD, WDT and FSCM are disabled. CPU, SRAM, program memory and data memory are
operational. No peripheral modules are operating (PMD bits are all set).
3:
These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com