Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 119 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 119 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 115Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 116Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 117Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 118Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 119Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 120Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 121Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 122Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 117
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 7-18:
IEC7: INTERRUPT ENABLE CONTROL REGISTER 7
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
ADCP6IE(3) ADCP5IE(1)
ADCP4IE(1)
ADCP3IE(2)
ADCP2IE(3)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented:
Read as ‘0’
bit 4
ADCP6IE:
ADC Pair 6 Conversion Done Interrupt Enable bit(3)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit
ADCP5IE:
ADC Pair 5 Conversion Done Interrupt Enable bit(1)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit
ADCP4IE:
ADC Pair 4 Conversion Done Interrupt Enable bit(1)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit
ADCP3IE:
ADC Pair 3 Conversion Done Interrupt Enable bit(2)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
bit
ADCP2IE:
ADC Pair 2 Conversion Done Interrupt Enable bit(3)
1
= Interrupt request is enabled
0
= Interrupt request is not enabled
Note 1:
These bits are not implemented in dsPIC33FJ06GS101/102/202 and dsPIC33FJ16GS402/402/502
devices.
2:
This bit is not implemented in dsPIC33FJ06GS102/202 devices.
3:
This bit is not implemented in dsPIC33FJ06GS101 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com