Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 149 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 149 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 145Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 146Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 147Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 148Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 149Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 150Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 151Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 152Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 147
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
9.0
POWER-SAVING FEATURES
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices provide the ability to manage power
consumption by selectively managing clocking to the
CPU and the peripherals. In general, a lower clock
frequency and a reduction in the number of circuits being
clocked
constitutes
lower
consumed
power.
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
devices can manage power consumption in four different
ways:
• Clock Frequency
• Instruction-Based Sleep and Idle modes
• Software-Controlled Doze mode
• Selective Peripheral Control in Software
Combinations of these methods can be used to
selectively tailor an application’s power consumption
while still maintaining critical application features, such
as timing-sensitive communications.
9.1
Clock Frequency and Clock
Switching
The
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04 devices allow a wide range
of clock frequencies to be selected under application
control. If the system clock configuration is not locked,
users can choose low-power or high-precision
oscillators by simply changing the NOSC bits
(OSCCON<10:8>). The process of changing a system
clock during operation, as well as limitations to the
process, are discussed in more detail in Section 8.0
“Oscillator Configuration”
.
9.2
Instruction-Based Power-Saving
Modes
The dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/
X04 devices have two special power-saving modes that
are entered through the execution of a special PWRSAV
instruction. Sleep mode stops clock operation and halts all
code execution. Idle mode halts the CPU and code
execution, but allows peripheral modules to continue
operation. The assembler syntax of the PWRSAV
instruction is shown in Example 9-1.
Sleep and Idle modes can be exited as a result of an
enabled interrupt, WDT time-out or a device Reset. When
the device exits these modes, it is said to wake-up.
9.2.1
SLEEP MODE
The following occur in Sleep mode:
• The system clock source is shut down. If an
on-chip oscillator is used, it is turned off.
• The device current consumption is reduced to a
minimum, provided that no I/O pin is sourcing
current.
• The Fail-Safe Clock Monitor does not operate,
since the system clock source is disabled.
• The LPRC clock continues to run in Sleep mode if
the WDT is enabled.
• The WDT, if enabled, is automatically cleared
prior to entering Sleep mode.
• Some device features or peripherals may continue
to operate. This includes the items such as the
input change notification on the I/O ports or
peripherals that use an external clock input.
• Any peripheral that requires the system clock
source for its operation is disabled.
The device will wake-up from Sleep mode on any of
these events:
• Any interrupt source that is individually enabled
• Any form of device Reset
• A WDT time-out
On wake-up from Sleep mode, the processor restarts
with the same clock source that was active when Sleep
mode was entered.
EXAMPLE 9-1:
PWRSAV
INSTRUCTION SYNTAX
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
9.
“Watchdog Timer and Power-Saving
Modes”
(DS70196), which is available
from the Microchip web site (www.micro-
chip.com).
Note:
SLEEP_MODE
and
IDLE_MODE
are
constants defined in the assembler
include file for the selected device.
PWRSAV
#SLEEP_MODE
; Put the device into SLEEP mode
PWRSAV
#IDLE_MODE
; Put the device into IDLE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com