Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/SP Datasheet(PDF) 160 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/SP
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/SP Datasheet(HTML) 160 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/SP Datasheet HTML 156Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 157Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 158Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 159Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 160Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 161Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 162Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 163Page - Microchip Technology DSPIC33FJ06GS201TE/SP Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 158
Preliminary
© 2009 Microchip Technology Inc.
TABLE 10-1:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)
Input Name
Function Name
Register
Configuration
Bits
External Interrupt 1
INT1
RPINR0
INT1R<5:0>
External Interrupt 2
INT2
RPINR1
INT2R<5:0>
Timer1 External Clock
T1CK
RPINR2
T1CKR<5:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<5:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<5:0>
Input Capture 1
IC1
RPINR7
IC1R<5:0>
Input Capture 2
IC2
RPINR7
IC2R<5:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<5:0>
UART1 Receive
U1RX
RPINR18
U1RXR<5:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<5:0>
SPI Data Input 1
SDI1
RPINR20
SDI1R<5:0>
SPI Clock Input 1
SCK1
RPINR20
SCK1R<5:0>
SPI Slave Select Input 1
SS1
RPINR21
SS1R<5:0>
PWM Fault Input PWM1
FLT1
RPINR29
FLT1R<5:0>
PWM Fault Input PWM2
FLT2
RPINR30
FLT2R<5:0>
PWM Fault Input PWM3
FLT3
RPINR30
FLT3R<5:0>
PWM Fault Input PWM4
FLT4
RPINR31
FLT4R<5:0>
PWM Fault Input PWM5
FLT5
RPINR31
FLT5R<5:0>
PWM Fault Input PWM6
FLT6
RPINR32
FLT6R<5:0>
PWM Fault Input PWM7
FLT7
RPINR32
FLT7R<5:0>
PWM Fault Input PWM8
FLT8
RPINR33
FLT8R<5:0>
External Synchronization signal to PWM Master Time Base
SYNCI1
RPINR33
SYNCI1R<5:0>
External Synchronization signal to PWM Master Time Base
SYNCI2
RPINR34
SYNCI2R<5:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com