Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2011AT-30E/PF Datasheet(PDF) 115 Page - Microchip Technology

Part # DSPIC30F2011AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2011AT-30E/PF Datasheet(HTML) 115 Page - Microchip Technology

Back Button DSPIC30F2011AT-30E/PF Datasheet HTML 111Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 112Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 113Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 114Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 115Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 116Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 117Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 118Page - Microchip Technology DSPIC30F2011AT-30E/PF Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 228 page
background image
© 2006 Microchip Technology Inc.
DS70117F-page 113
dsPIC30F6011/6012/6013/6014
17.3
Modes of Operation
The CAN module can operate in one of several Operation
modes selected by the user. These modes include:
• Initialization Mode
• Disable Mode
• Normal Operation Mode
• Listen Only Mode
• Loopback Mode
• Error Recognition Mode
Modes are requested by setting the REQOP<2:0> bits
(CiCTRL<10:8>). Entry into a mode is Acknowledged
by monitoring the OPMODE<2:0> bits (CiCTRL<7:5>).
The module will not change the mode and the
OPMODE bits until a change in mode is acceptable,
generally during bus Idle time which is defined as at
least 11 consecutive recessive bits.
17.3.1
INITIALIZATION MODE
In the Initialization mode, the module will not transmit or
receive. The error counters are cleared and the inter-
rupt flags remain unchanged. The programmer will
have access to configuration registers that are access
restricted in other modes. The module will protect the
user from accidentally violating the CAN protocol
through programming errors. All registers which control
the configuration of the module can not be modified
while the module is on-line. The CAN module will not
be allowed to enter the Configuration mode while a
transmission is taking place. The Configuration mode
serves as a lock to protect the following registers.
• All Module Control Registers
• Baud Rate and Interrupt Configuration Registers
• Bus Timing Registers
• Identifier Acceptance Filter Registers
• Identifier Acceptance Mask Registers
17.3.2
DISABLE MODE
In Disable mode, the module will not transmit or
receive. The module has the ability to set the WAKIF bit
due to bus activity, however, any pending interrupts will
remain and the error counters will retain their value.
If the REQOP<2:0> bits (CiCTRL<10:8>) = 001, the
module will enter the Module Disable mode. If the module
is active, the module will wait for 11 recessive bits on the
CAN bus, detect that condition as an Idle bus, then
accept the module disable command. When the
OPMODE<2:0> bits (CiCTRL<7:5>) = 001, that indi-
cates whether the module successfully went into Module
Disable mode. The I/O pins will revert to normal I/O
function when the module is in the Module Disable mode.
The module can be programmed to apply a low-pass
filter function to the CiRX input line while the module or
the CPU is in Sleep mode. The WAKFIL bit
(CiCFG2<14>) enables or disables the filter.
17.3.3
NORMAL OPERATION MODE
Normal
Operating
mode
is
selected
when
REQOP<2:0> = 000. In this mode, the module is acti-
vated and the I/O pins will assume the CAN bus func-
tions. The module will transmit and receive CAN bus
messages via the CxTX and CxRX pins.
17.3.4
LISTEN ONLY MODE
If the Listen Only mode is activated, the module on the
CAN bus is passive. The transmitter buffers revert to
the port I/O function. The receive pins remain inputs.
For the receiver, no error flags or Acknowledge signals
are sent. The error counters are deactivated in this
state. The Listen Only mode can be used for detecting
the baud rate on the CAN bus. To use this, it is neces-
sary that there are at least two further nodes that
communicate with each other.
17.3.5
LISTEN ALL MESSAGES MODE
The module can be set to ignore all errors and receive
any message. The Error Recognition mode is activated
by setting REQOP<2:0> = ‘111’. In this mode, the data
which is in the message assembly buffer until the time
an error occurred, is copied in the receive buffer and
can be read via the CPU interface.
17.3.6
LOOPBACK MODE
If the Loopback mode is activated, the module will con-
nect the internal transmit signal to the internal receive
signal at the module boundary. The transmit and
receive pins revert to their port I/O function.
Note:
Typically, if the CAN module is allowed to
transmit in a particular mode of operation
and a transmission is requested immedi-
ately after the CAN module has been
placed in that mode of operation, the mod-
ule waits for 11 consecutive recessive bits
on the bus before starting transmission. If
the user switches to Disable Mode within
this 11-bit period, then this transmission is
aborted and the corresponding TXABT bit
is set and TXREQ bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com