Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F0010AT-30E/PF Datasheet(PDF) 102 Page - Microchip Technology

Part # DSPIC30F0010AT-30E/PF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F0010AT-30E/PF Datasheet(HTML) 102 Page - Microchip Technology

Back Button DSPIC30F0010AT-30E/PF Datasheet HTML 98Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 99Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 100Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 101Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 102Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 103Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 104Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 105Page - Microchip Technology DSPIC30F0010AT-30E/PF Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 100
© 2007 Microchip Technology Inc.
15.11 PWM Output and Polarity Control
There are three device Configuration bits associated
with the PWM module that provide PWM output pin
control:
• HPOL Configuration bit
• LPOL Configuration bit
• PWMPIN Configuration bit
These three bits in the FPORBOR Configuration regis-
ter (see Section 21.0 “System Integration”) work in
conjunction with the four PWM Enable bits (PENxH and
PENxL) located in the PWMCON1 SFR. The Configu-
ration bits and PWM Enable bits ensure that the PWM
pins are in the correct states after a device Reset
occurs. The PWMPIN configuration fuse allows the
PWM module outputs to be optionally enabled on a
device Reset. If PWMPIN = 0, the PWM outputs will be
driven to their inactive states at Reset. If PWMPIN = 1
(default), the PWM outputs will be tri-stated. The HPOL
bit specifies the polarity for the PWMxH outputs,
whereas the LPOL bit specifies the polarity for the
PWMxL outputs.
15.11.1
OUTPUT PIN CONTROL
The PEN<4:1>H and PEN<4:1>L control bits in the
PWMCON1 SFR enable each high PWM output pin
and each low PWM output pin, respectively. If a partic-
ular PWM output pin is not enabled, it is treated as a
general purpose I/O pin.
15.12 PWM Fault Pins
There are two Fault pins (FLTA and FLTB) associated
with the PWM module. When asserted, these pins can
optionally drive each of the PWM I/O pins to a defined
state.
15.12.1
FAULT PIN ENABLE BITS
The FLTACON and FLTBCON SFRs each have 4 con-
trol bits that determine whether a particular pair of
PWM I/O pins is to be controlled by the Fault input pin.
To enable a specific PWM I/O pin pair for Fault
overrides, the corresponding bit should be set in the
FLTACON or FLTBCON register.
If all enable bits are cleared in the FLTACON or
FLTBCON registers, then the corresponding Fault input
pin has no effect on the PWM module and the pin may
be used as a general purpose interrupt or I/O pin.
15.12.2
FAULT STATES
The FLTACON and FLTBCON Special Function Regis-
ters have 8 bits each that determine the state of each
PWM I/O pin when it is overridden by a Fault input.
When these bits are cleared, the PWM I/O pin is driven
to the inactive state. If the bit is set, the PWM I/O pin
will be driven to the active state. The active and inactive
states are referenced to the polarity defined for each
PWM I/O pin (HPOL and LPOL polarity control bits).
A special case exists when a PWM module I/O pair is
in the Complementary mode and both pins are pro-
grammed to be active on a Fault condition. The
PWMxH pin always has priority in the Complementary
mode, so that both I/O pins cannot be driven active
simultaneously.
15.12.3
FAULT PIN PRIORITY
If both Fault input pins have been assigned to control a
particular PWM I/O pin, the Fault state programmed for
the Fault A input pin will take priority over the Fault B
input pin.
15.12.4
FAULT INPUT MODES
Each of the Fault input pins has two modes of
operation:
• Latched Mode: When the Fault pin is driven low,
the PWM outputs will go to the states defined in
the FLTACON/FLTBCON register. The PWM out-
puts will remain in this state until the Fault pin is
driven high and the corresponding interrupt flag
has been cleared in software. When both of these
actions have occurred, the PWM outputs will
return to normal operation at the beginning of the
next PWM cycle or half-cycle boundary. If the
interrupt flag is cleared before the Fault condition
ends, the PWM module will wait until the Fault pin
is no longer asserted, to restore the outputs.
• Cycle-by-Cycle Mode: When the Fault input pin
is driven low, the PWM outputs remain in the
defined Fault states for as long as the Fault pin is
held low. After the Fault pin is driven high, the
PWM outputs return to normal operation at the
beginning of the following PWM cycle or
half-cycle boundary.
The Operating mode for each Fault input pin is selected
using the FLTAM and FLTBM control bits in the
FLTACON and FLTBCON Special Function Registers.
Each of the Fault pins can be controlled manually in
software.
Note:
The Fault pin logic can operate indepen-
dent of the PWM logic. If all the enable bits
in the FLTACON/FLTBCON register are
cleared, then the Fault pin(s) could be
used as general purpose interrupt pin(s).
Each Fault pin has an interrupt vector,
Interrupt Flag bit and Interrupt Priority bits
associated with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com