Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101TE/ML Datasheet(PDF) 225 Page - Microchip Technology

Part # DSPIC33FJ06GS101TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/ML Datasheet(HTML) 225 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/ML Datasheet HTML 221Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 222Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 223Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 224Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 225Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 226Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 227Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 228Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 223
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
17.0
INTER-INTEGRATED CIRCUIT
(I2C™)
The Inter-Integrated Circuit (I2C) module provides
complete hardware support for both Slave and
Multi-Master modes of the I2C serial communication
standard with a 16-bit interface.
The I2C module has a 2-pin interface:
• The SCLx pin is clock.
• The SDAx pin is data.
The I2C module offers the following key features:
•I2C interface supporting both Master and Slave
modes of operation.
•I2C Slave mode supports 7-bit and
10-bit addressing.
•I2C Master mode supports 7-bit and
10-bit addressing.
•I2C port allows bidirectional transfers between
master and slaves.
• Serial clock synchronization for I2C port can be
used as a handshake mechanism to suspend and
resume serial transfer (SCLREL control).
•I2C supports multi-master operation, detects bus
collision and arbitrates accordingly.
17.1
Operating Modes
The hardware fully implements all the master and slave
functions of the I2C Standard and Fast mode
specifications, as well as 7-bit and 10-bit addressing.
The I2C module can operate either as a slave or a
master on an I2C bus.
The following types of I2C operation are supported:
•I2C slave operation with 7-bit addressing
•I2C slave operation with 10-bit addressing
•I2C master operation with 7-bit or 10-bit addressing
For details about the communication sequence in each
of these modes, refer to the “dsPIC33F Family
Reference Manual
”. Please see the Microchip web site
(www.microchip.com) for the latest “dsPIC33F Family
Reference Manual
” chapters.
17.2
I2C Registers
I2CxCON and I2CxSTAT are control and status
registers, respectively. The I2CxCON register is
readable and writable. The lower six bits of I2CxSTAT
are read-only. The remaining bits of the I2CSTAT are
read/write:
• I2CxRSR is the shift register used for shifting data
internal to the module and the user application
has no access to it.
• I2CxRCV is the receive buffer and the register to
which data bytes are written, or from which data
bytes are read.
• I2CxTRN is the transmit register to which bytes
are written during a transmit operation.
• The I2CxADD register holds the slave address.
• A status bit, ADD10, indicates 10-Bit Address
mode.
• The I2CxBRG acts as the Baud Rate Generator
(BRG) reload value.
In receive operations, I2CxRSR and I2CxRCV together
form a double-buffered receiver. When I2CxRSR
receives a complete byte, it is transferred to I2CxRCV,
and an interrupt pulse is generated.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
19.
“Inter-Integrated
Circuit
(I2C™)”
(DS70195), which is available on the
Microchip web site (www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com