Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101TE/ML Datasheet(PDF) 271 Page - Microchip Technology

Part # DSPIC33FJ06GS101TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/ML Datasheet(HTML) 271 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/ML Datasheet HTML 267Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 269Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 270Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 271Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 272Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 269
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
21.8
Code Protection and
CodeGuard™ Security
The
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04 devices offer the intermediate
implementation of CodeGuard™ Security. CodeGuard
Security enables multiple parties to securely share
resources (memory, interrupts and peripherals) on a
single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries, Code-
Guard™ Security can be used to securely update Flash
even when multiple IPs reside on a single chip.
TABLE 21-3:
CODE FLASH SECURITY
SEGMENT SIZES FOR
6-Kbyte DEVICES
The code protection features are controlled by the
Configuration registers: FBS and FGS.
Secure segment and RAM protection is not implemented
in
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04 devices.
TABLE 21-4:
CODE FLASH SECURITY
SEGMENT SIZES FOR
16-Kbyte DEVICES
Configuration Bits
BSS<2:0> = x11
0K
BSS<2:0> = x10
256
BSS<2:0> = x01
768
BSS<2:0> = x00
1792
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
GS = 1792 IW
000FFEh
001000h
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 1536 IW
BS = 256 IW
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 1024 IW
BS = 768 IW
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
BS = 1792 IW
Note:
Refer to CodeGuard Security Reference
Manual
(DS70180) for further information
on usage, configuration and operation of
CodeGuard Security.
Configuration Bits
BSS<2:0> = x11
0K
BSS<2:0> = x10
256
BSS<2:0> = x01
768
BSS<2:0> = x00
1792
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
GS = 5376 IW
000FFEh
001000h
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 5120 IW
BS = 256 IW
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
000FFEh
001000h
GS = 4608 IW
BS = 768 IW
002BFEh
0001FEh
000200h
000000h
VS = 256 IW
0003FEh
000400h
0007FEh
000800h
GS = 3584 IW
000FFEh
001000h
BS = 1792 IW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com