Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS101TE/ML Datasheet(PDF) 339 Page - Microchip Technology

Part # DSPIC33FJ06GS101TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS101TE/ML Datasheet(HTML) 339 Page - Microchip Technology

Back Button DSPIC33FJ06GS101TE/ML Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 336Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 337Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 338Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 339Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 340Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 341Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 342Page - Microchip Technology DSPIC33FJ06GS101TE/ML Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 337
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
INDEX
Numerics
10-bit High Speed Analog-to-Digital Converter. See A/D
A
A/D .................................................................................... 229
AC Characteristics ............................................................ 284
Internal RC Accuracy ................................................ 286
Load Conditions ........................................................ 284
Alternate Vector Table (AIVT)............................................. 87
Arithmetic Logic Unit (ALU)................................................. 27
Assembler
MPASM Assembler................................................... 272
B
Barrel Shifter ....................................................................... 31
Bit-Reversed Addressing .................................................... 66
Example ...................................................................... 67
Implementation ........................................................... 66
Sequence Table (16-Entry)......................................... 67
Block Diagrams
16-Bit Timer1 Module................................................ 175
Comparator ............................................................... 251
Connections for On-Chip Voltage Regulator............. 258
DSP Engine ................................................................ 28
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 CPU Core.................. 22
dsPIC33FJ06GS101/X02 and
dsPIC33FJ16GSX02/X04 ................................... 14
I2C............................................................................. 216
Input Capture ............................................................ 183
Oscillator System ...................................................... 127
Output Compare ....................................................... 185
PLL............................................................................ 129
Reset System.............................................................. 79
Shared Port Structure ............................................... 145
Simplified Conceptual High-Speed PWM ................. 190
SPI ............................................................................ 209
Timer2/3 (32-Bit) ....................................................... 179
Type B Timer ............................................................ 177
Type C Timer ............................................................ 177
UART ........................................................................ 223
Watchdog Timer (WDT) ............................................ 259
Brown-out Reset (BOR) .................................................... 255
C
C Compilers
MPLAB C18 .............................................................. 272
MPLAB C30 .............................................................. 272
Clock Switching................................................................. 136
Enabling .................................................................... 136
Sequence.................................................................. 136
Code Examples
Erasing a Program Memory Page............................... 77
Initiating a Programming Sequence............................ 78
Loading Write Buffers ................................................. 78
Port Write/Read ........................................................ 147
PWRSAV Instruction Syntax..................................... 137
Code Protection ........................................................ 255, 261
CodeGuard Security ......................................................... 255
Configuration Bits.............................................................. 255
Configuration Register Map .............................................. 255
Configuring Analog Port Pins............................................ 147
CPU
Control Registers........................................................ 24
CPU Clocking System ...................................................... 128
PLL Configuration..................................................... 129
Selection................................................................... 128
Sources .................................................................... 128
Customer Change Notification Service............................. 331
Customer Notification Service .......................................... 331
Customer Support............................................................. 331
D
DAC .................................................................................. 252
Output Range ........................................................... 252
Data Accumulators and Adder/Subtracter .......................... 29
Data Space Write Saturation ...................................... 31
Overflow and Saturation ............................................. 29
Round Logic ............................................................... 30
Write Back .................................................................. 30
Data Address Space........................................................... 35
Alignment.................................................................... 35
Memory Map for dsPIC33FJ06GS101/102 Devices
with 256 Bytes of RAM ....................................... 36
Memory Map for dsPIC33FJ06GS202 Device
with 1-Kbyte RAM............................................... 37
Memory Map for dsPIC33FJ16GS402/404/502/504
Devices with 2-Kbyte RAM ................................. 38
Near Data Space ........................................................ 35
Software Stack ........................................................... 63
Width .......................................................................... 35
DC Characteristics............................................................ 276
Doze Current (IDOZE)................................................ 280
I/O Pin Input Specifications ...................................... 281
I/O Pin Output Specifications.................................... 282
Idle Current (IIDLE) .................................................... 279
Operating Current (IDD) ............................................ 278
Power-Down Current (IPD)........................................ 280
Program Memory...................................................... 283
Temperature and Voltage Specifications.................. 277
Development Support ....................................................... 271
Doze Mode ....................................................................... 138
DSP Engine ........................................................................ 27
Multiplier ..................................................................... 29
E
EBCONx (Leading-Edge Blanking Control) ...................... 207
Electrical Characteristics .................................................. 275
AC Characteristics and Timing Parameters ............. 284
BOR.......................................................................... 282
Equations
Device Operating Frequency.................................... 128
FOSC Calculation ...................................................... 129
XT with PLL Mode Example ..................................... 129
Errata .................................................................................. 12
F
Fail-Safe Clock Monitor (FSCM)....................................... 136
Flash Program Memory ...................................................... 73
Control Registers........................................................ 74
Operations .................................................................. 74
Programming Algorithm.............................................. 77
RTSP Operation ......................................................... 74
Table Instructions ....................................................... 73
Flexible Configuration ....................................................... 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com