Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 239 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 239 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 235Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 236Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 237Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 238Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 239Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 240Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 241Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 242Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 237
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
19.0
HIGH-SPEED 10-BIT
ANALOG-TO-DIGITAL
CONVERTER (ADC)
The
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04 devices provide high-speed
successive approximation analog to digital conversions to
support applications such as AC/DC and DC/DC power
converters.
19.1
Features Overview
The ADC module comprises the following features:
• 10-bit resolution
• Unipolar inputs
• Up to two Successive Approximation Registers
(SARs)
• Up to 12 external input channels
• Up to two internal analog inputs
• Dedicated result register for each analog input
• ±1 LSB accuracy at 3.3V
• Single supply operation
• 4 Msps conversion rate at 3.3V (devices with two
SARs)
• 2 Msps conversion rate at 3.3V (devices with one
SAR)
• Low-power CMOS technology
19.2
Module Description
This ADC module is designed for applications that
require low latency between the request for conversion
and the resultant output data. Typical applications
include:
• AC/DC power supplies
• DC/DC converters
• Power Factor Correction (PFC)
This ADC works with the high-speed PWM module in
power control applications that require high-frequency
control loops. This module can sample and convert two
analog inputs in a 0.5 microsecond when two SARs are
used. This small conversion delay reduces the “phase
lag” between measurement and control system
response.
Up to five inputs may be sampled at a time (four inputs
from the dedicated sample and hold circuits and one
from the shared sample and hold circuit). If multiple
inputs request conversion, the ADC will convert them in
a sequential manner, starting with the lowest order
input.
This ADC design provides each pair of analog inputs
(AN1,AN0), (AN3,AN2),..., the ability to specify its own
trigger source out of a maximum of sixteen different
trigger sources. This capability allows this ADC to
sample and convert analog inputs that are associated
with PWM generators operating on independent time
bases.
The user application typically requires synchronization
between analog data sampling and PWM output to the
application circuit. The very high-speed operation of
this ADC module allows “data on demand”.
In addition, several hardware features have been
added to the peripheral interface to improve real-time
performance in a typical DSP based application.
• Result alignment options
• Automated sampling
• External conversion start control
• Two internal inputs to monitor 1.2V internal
reference and EXTREF input signal
A block diagram of the ADC module is shown in
Figure 19-6.
Note:
This data sheet summarizes the features
of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference
Manual”
,
Section
44.
“High-Speed 10-Bit Analog-to-Digital
Converter (ADC)”
(DS70321), which is
available on the Microchip web site
(www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com