Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 314 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 314 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 310Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 311Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 312Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 313Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 314Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 315Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 312
Preliminary
© 2009 Microchip Technology Inc.
=
TABLE 24-36: 10-BIT HIGH-SPEED A/D MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V and 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
—
—
—
—
See the VDD specification
(DC10) in Table 24-4
AD02
AVSS
Module VSS Supply
—
—
—
—
AVSS is connected to VSS
Analog Input
AD10
VINH-VINL Full-Scale Input Span
VSS
VDD
V
AD11
VIN
Absolute Input Voltage
AVSS
AVDD
V
AD12
IAD
Operating Current
—
8
—
mA
AD13
—
Leakage Current
—
±0.6
—
μAVINL = AVSS = 0V,
AVDD = 3.3V
Source Impedance = 100
Ω
AD17
RIN
Recommended Impedance
Of Analog Voltage Source
—
100
Ω
DC Accuracy
AD20
Nr
Resolution
10 data bits
bits
AD21A INL
Integral Nonlinearity
—
±0.5
<±2
LSb See Note 2
AD22A DNL
Differential Nonlinearity
—
±0.5
<±1
LSb See Note 2
AD23A GERR
Gain Error
—
±0.75
<±3.0
LSb See Note 2
AD24A EOFF
Offset Error
—
±2.0
<±5.0
LSb See Note 2
AD25
—
Monotonicity(1)
—
—
—
—
Guaranteed
Dynamic Performance
AD30
THD
Total Harmonic Distortion
—
-73
—
dB
AD31
SINAD
Signal to Noise and
Distortion
—58
—
dB
AD32
SFDR
Spurious Free Dynamic
Range
—-73
—
dB
AD33
FNYQ
Input Signal Bandwidth
—
—
0.5
MHz
AD34
ENOB
Effective Number of Bits
—
9.4
—
bits
Note 1:
The A/D conversion result never decreases with an increase in the input voltage, and has no missing
codes.
2:
This parameter is characterized under the following conditions: AVDD = 3.3V, 2.0 MSPS for dedicated S/H,
1.5 MSPS for shared S/H. This parameter is not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com