Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/ML Datasheet(PDF) 332 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/ML
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML Datasheet(HTML) 332 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 328Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 329Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 330Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 331Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 332Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 336Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 330
Preliminary
© 2009 Microchip Technology Inc.
Section 7.0 “Oscillator
Configuration”
Removed the first sentence of the third clock source item (External Clock) in
Section 7.1.1 “System Clock sources”
Updated the default bit values for DOZE and FRCDIV in the Clock Divisor
Register (see Register 7-2).
Section 8.0 “Power-Saving
Features”
Added the following six registers:
• “PMD1: Peripheral Module Disable Control Register 1”
• “PMD2: Peripheral Module Disable Control Register 2”
• “PMD3: Peripheral Module Disable Control Register 3”
• “PMD4: Peripheral Module Disable Control Register 4”
• “PMD6: Peripheral Module Disable Control Register 6”
• “PMD7: Peripheral Module Disable Control Register 7”
Section 9.0 “I/O Ports”
Added paragraph and Table 9-1 to Section 9.1.1 “Open-Drain
Configuration”
, which provides details on I/O pins and their functionality.
Removed 9.1.2 “5V Tolerance”.
Updated MUX range and removed virtual pin details in Figure 9-2.
Updated PWM Input Name descriptions in Table 9-1.
Added Section 9.4.2.3 “Virtual Pins”.
Updated bit values in all Peripheral Pin Select Input Registers (see
Register 9-1 through Register 9-14).
Updated bit name information for Peripheral Pin Select Output Registers
RPOR16 and RPOR17 (see Register 9-30 and Register 9-31).
Added the following two registers:
• “RPOR16: Peripheral Pin Select Output Register 16”
• “RPOR17: Peripheral Pin Select Output Register 17”
Removed the following sections:
• 9.4.2 “Available Peripherals”
• 9.4.3.2 “Virtual Input Pins”
• 9.4.3.4 “Peripheral Mapping”
• 9.4.5 “Considerations for Peripheral Pin Selection” (and all subsections)
Section 14.0 “High-Speed PWM”
Added Note 1 (remappable pin reference) to Figure 14-1.
Added Note 2 (Duty Cycle resolution) to PWM Master Duty Cycle Register
(Register 14-5), PWM Generator Duty Cycle Register (Register 14-7), and
PWM Secondary Duty Cycle Register (Register 14-8).
Added Note 2 and Note 3 and updated bit information for CLSRC and
FLTSRC in the PWM Fault Current-Limit Control Register (Register 14-15).
Section 15.0 “Serial Peripheral
Interface (SPI)”
Removed the following sections, which are now available in the related
section of the dsPIC33F Family Reference Manual:
• 15.1 “Interrupts”
• 15.2 “Receive Operations”
• 15.3 “Transmit Operations”
• 15.4 “SPI Setup” (retained Figure 15-1: SPI Module Block Diagram)
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com