Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 115 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 115 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 111Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 112Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 113Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 114Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 115Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 116Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 117Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 118Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 113
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
REGISTER 7-13:
IEC1: INTERRUPT ENABLE CONTROL REGISTER 1
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
—
—INT2IE
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
INT1IE
CNIE
AC1IE(1)
MI2C1IE
SI2C1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
INT2IE:
External Interrupt 2 Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 12-5
Unimplemented:
Read as ‘0’
bit 4
INT1IE:
External Interrupt 1 Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 3
CNIE:
Input Change Notification Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 2
AC1IE:
Analog Comparator 1 Interrupt Enable bit(1)
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 1
MI2C1IE:
I2C1 Master Events Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 0
SI2C1IE:
I2C1 Slave Events Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
Note 1:
This bit is not implemented in dsPIC33FJ06GS101/102 and dsPIC33FJ16GS402/404 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com