Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TI/MM Datasheet(PDF) 185 Page - Microchip Technology

Part # DSPIC33FJ06GS201TI/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TI/MM Datasheet(HTML) 185 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TI/MM Datasheet HTML 181Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 182Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 183Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 184Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 185Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 186Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 187Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 188Page - Microchip Technology DSPIC33FJ06GS201TI/MM Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 183
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
11.0
TIMER1
The Timer1 module is a 16-bit timer, which can serve
as a time counter for the Real-Time Clock (RTC), or
operate as a free-running interval timer/counter.
The Timer1 module has the following unique features
over other timers:
• Can be operated from the low-power 32 kHz
crystal oscillator available on the device
• Can be operated in Asynchronous Counter mode
from an external clock source.
• The external clock input (T1CK) can optionally be
synchronized to the internal device clock and the
clock synchronization is performed after the
prescaler.
The unique features of Timer1 allow it to be used for
Real-Time Clock (RTC) applications. A block diagram
of Timer1 is shown in Figure 11-1.
The Timer1 module can operate in one of the following
modes:
• Timer mode
• Gated Timer mode
• Synchronous Counter mode
• Asynchronous Counter mode
In Timer and Gated Timer modes, the input clock is
derived from the internal instruction cycle clock (FCY).
In Synchronous and Asynchronous Counter modes,
the input clock is derived from the external clock input
at the T1CK pin.
The Timer modes are determined by the following bits:
• Timer Clock Source Control bit (TCS): T1CON<1>
• Timer Synchronization Control bit (TSYNC):
T1CON<2>
• Timer Gate Control bit (TGATE): T1CON<6>
The timer control bit settings for different operating
modes are given in the Table 11-1.
TABLE 11-1:
TIMER MODE SETTINGS
FIGURE 11-1:
16-BIT TIMER1 MODULE BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
the
dsPIC33FJ06GS101/X02
and
dsPIC33FJ16GSX02/X04
families
of
devices. It is not intended to be a
comprehensive
reference
source.
To
complement the information in this data
sheet, refer to the “dsPIC33F Family
Reference Manual”
, Section 11. “Timers”
(DS70205), which is available from the
Microchip web site (www.microchip.com).
Mode
TCS
TGATE
TSYNC
Timer
00
x
Gated Timer
01
x
Synchronous
Counter
1x
1
Asynchronous
Counter
1x
0
TGATE
TCS
00
10
x1
TMR1
Comparator
PR1
TGATE
Set T1IF Flag
0
1
TSYNC
0
1
Sync
Equal
Reset
T1CK
Prescaler
(/n)
TCKPS<1:0>
Gate
Sync
FCY
Falling Edge
Detect
Prescaler
(/n)
TCKPS<1:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com