Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ06GS201TE/MM Datasheet(PDF) 316 Page - Microchip Technology

Part # DSPIC33FJ06GS201TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/MM Datasheet(HTML) 316 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/MM Datasheet HTML 312Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 313Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 314Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 315Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 316Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 317Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 318Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 319Page - Microchip Technology DSPIC33FJ06GS201TE/MM Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 346 page
background image
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
DS70318D-page 314
Preliminary
© 2009 Microchip Technology Inc.
TABLE 24-38: COMPARATOR AC AND DC SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
VIOFF
Input Offset Voltage
±5
±15
mV
VICM
Input Common Mode
Voltage Range(1)
0—
AVDD – 1.5
V
VGAIN
Open Loop Gain(1)
90
—
—
db
CMRR
Common Mode
Rejection Ratio(1)
70
—
—
db
TRESP
Large Signal Response
20
30
ns
V+ input step of 100 mv while
V- input held at AVDD/2. Delay
measured from analog input pin to
PWM output pin.
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.
TABLE 24-39: DAC DC SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
CVRSRC External Reference Voltage(1)
0AVDD – 1.6
V
CVRES
Resolution
10
Bits
INL
DNL
EOFF
EG
Transfer Function Accuracy
Integral Nonlinearity Error
Differential Nonlinearity Error
Offset Error
Gain Error
—
—
—
—
±1.0
±0.8
±2.0
±2.0
—
—
—
—
LSB
LSB
LSB
LSB
AVDD = 3.3V,
DACREF = (AVDD/2)V
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.
TABLE 24-40: DAC AC SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Param.
No.
Symbol Characteristic
Min
Typ
Max
Units
Comments
TSET
Settling Time(1)
650
nsec Measured when range = 1
(high range), and
CMREF<9:0> transitions
from 0x1FF to 0x300.
Note 1:
Parameters are for design guidance only and are not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com