Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 206 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 206 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 202Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 203Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 204Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 205Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 206Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 207Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 208Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 209Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 412 page
background image
PIC18F2525/2620/4525/4620
DS39626E-page 204
© 2008 Microchip Technology Inc.
REGISTER 18-3:
BAUDCON: BAUD RATE CONTROL REGISTER
R/W-0
R-1
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
ABDOVF
RCIDL
RXDTP
TXCKP
BRG16
—
WUE
ABDEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ABDOVF: Auto-Baud Acquisition Rollover Status bit
1
= A BRG rollover has occurred during Auto-Baud Rate Detect mode (must be cleared in software)
0
= No BRG rollover has occurred
bit 6
RCIDL: Receive Operation Idle Status bit
1
= Receive operation is Idle
0
= Receive operation is active
bit 5
RXDTP: Received Data Polarity Select bit (Asyncnronous mode only)
Asynchronous mode:
1
= RX data is inverted
0
= RX data received is not inverted
bit 4
TXCKP: Clock and Data Polarity Select bit
Asynchronous mode:
1
= Idle state for transmit (TX) is a low level
0
= Idle state for transmit (TX) is a high level
Synchronous mode:
1
= Idle state for clock (CK) is a high level
0
= Idle state for clock (CK) is a low level
bit 3
BRG16: 16-Bit Baud Rate Register Enable bit
1
= 16-bit Baud Rate Generator – SPBRGH and SPBRG
0
= 8-bit Baud Rate Generator – SPBRG only (Compatible mode), SPBRGH value ignored
bit 2
Unimplemented: Read as ‘0’
bit 1
WUE: Wake-up Enable bit
Asynchronous mode:
1
= EUSART will continue to sample the RX pin – interrupt generated on falling edge; bit cleared in
hardware on following rising edge
0
= RX pin not monitored or rising edge detected
Synchronous mode:
Unused in this mode.
bit 0
ABDEN: Auto-Baud Detect Enable bit
Asynchronous mode:
1
= Enable baud rate measurement on the next character. Requires reception of a Sync field (55h);
cleared in hardware upon completion.
0
= Baud rate measurement disabled or completed
Synchronous mode:
Unused in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com