Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 245 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 245 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 241Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 242Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 243Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 244Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 245Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 246Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 247Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 248Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 243
PIC18F2525/2620/4525/4620
22.0
HIGH/LOW-VOLTAGE DETECT
(HLVD)
PIC18F2525/2620/4525/4620
devices
have
a
High/Low-Voltage Detect module (HLVD). This is a
programmable circuit that allows the user to specify
both a device voltage trip point and the direction of
change from that point. If the device experiences an
excursion past the trip point in that direction, an inter-
rupt flag is set. If the interrupt is enabled, the program
execution will branch to the interrupt vector address
and the software can then respond to the interrupt.
The
High/Low-Voltage
Detect
Control
register
(Register 22-1) completely controls the operation of the
HLVD module. This allows the circuitry to be “turned
off” by the user under software control, which
minimizes the current consumption for the device.
The block diagram for the HLVD module is shown in
Figure 22-1.
The module is enabled by setting the HLVDEN bit.
Each time that the HLVD module is enabled, the
circuitry requires some time to stabilize. The IRVST bit
is a read-only bit and is used to indicate when the circuit
is stable. The module can only generate an interrupt
after the circuit is stable and IRVST is set.
The VDIRMAG bit determines the overall operation of
the module. When VDIRMAG is cleared, the module
monitors for drops in VDD below a predetermined set
point. When the bit is set, the module monitors for rises
in VDD above the set point.
REGISTER 22-1:
HLVDCON: HIGH/LOW-VOLTAGE DETECT CONTROL REGISTER
R/W-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
VDIRMAG
—
IRVST
HLVDEN
HLVDL3(1)
HLVDL2(1)
HLVDL1(1)
HLVDL0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VDIRMAG: Voltage Direction Magnitude Select bit
1
= Event occurs when voltage equals or exceeds trip point (HLVDL3:HLDVL0)
0
= Event occurs when voltage equals or falls below trip point (HLVDL3:HLVDL0)
bit 6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Flag bit
1
= Indicates that the voltage detect logic will generate the interrupt flag at the specified voltage range
0
= Indicates that the voltage detect logic will not generate the interrupt flag at the specified voltage
range and the HLVD interrupt should not be enabled
bit 4
HLVDEN: High/Low-Voltage Detect Power Enable bit
1
= HLVD enabled
0
= HLVD disabled
bit 3-0
HLVDL3:HLVDL0: Voltage Detection Limit bits(1)
1111
= External analog input is used (input comes from the HLVDIN pin)
1110
= Maximum setting
.
.
.
0000
= Minimum setting
Note 1:
See Table 26-4 in Section 26.0 “Electrical Characteristics”for the specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com