Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 263Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 264Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 265Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 266Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 267Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 268Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 269Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 270Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 265
PIC18F2525/2620/4525/4620
FIGURE 23-7:
EXTERNAL BLOCK TABLE READ (EBTRx) DISALLOWED
FIGURE 23-8:
EXTERNAL BLOCK TABLE READ (EBTRx) ALLOWED
WRTB, EBTRB = 11
WRT0, EBTR0 = 10
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLRD*
TBLPTR = 0008FFh
PC = 007FFEh
Results: All table reads from external blocks to Blockn are disabled whenever EBTRx = 0.
TABLAT register returns a value of ‘0’.
Register Values
Program Memory
Configuration Bit Settings
000000h
0007FFh
000800h
003FFFh
004000h
007FFFh
008000h
00BFFFh
00C000h
00FFFFh
WRTB, EBTRB = 11
WRT0, EBTR0 = 10
WRT1, EBTR1 = 11
WRT2, EBTR2 = 11
WRT3, EBTR3 = 11
TBLRD*
TBLPTR = 0008FFh
PC = 003FFEh
Register Values
Program Memory
Configuration Bit Settings
Results: Table reads permitted within Blockn, even when EBTRx = 0.
TABLAT register returns the value of the data at the location TBLPTR.
000000h
0007FFh
000800h
003FFFh
004000h
007FFFh
008000h
00BFFFh
00C000h
00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com