Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 303Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 304Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 305Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 306Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 307Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 308Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 309Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 310Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 305
PIC18F2525/2620/4525/4620
TBLRD
Table Read
Syntax:
TBLRD ( *; *+; *-; +*)
Operands:
None
Operation:
if TBLRD *,
(Prog Mem (TBLPTR))
→ TABLAT,
TBLPTR – No Change;
if TBLRD *+,
(Prog Mem (TBLPTR))
→ TABLAT,
(TBLPTR) + 1
→ TBLPTR;
if TBLRD *-,
(Prog Mem (TBLPTR))
→ TABLAT,
(TBLPTR) – 1
→ TBLPTR;
if TBLRD +*,
(TBLPTR) + 1
→ TBLPTR,
(Prog Mem (TBLPTR))
→ TABLAT
Status Affected: None
Encoding:
0000
0000
0000
10nn
nn=0 *
=1 *+
=2 *-
=3 +*
Description:
This instruction is used to read the contents
of Program Memory (P.M.). To address the
program memory, a pointer called Table
Pointer (TBLPTR) is used.
The TBLPTR (a 21-bit pointer) points to
each byte in the program memory. TBLPTR
has a 2-Mbyte address range.
TBLPTR[0] = 0:
Least Significant Byte
of Program Memory
Word
TBLPTR[0] = 1:
Most Significant Byte
of Program Memory
Word
The TBLRD instruction can modify the value
of TBLPTR as follows:
• no change
• post-increment
• post-decrement
• pre-increment
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
No
operation
No
operation
No
operation
No operation
(Read Program
Memory)
No
operation
No operation
(Write TABLAT)
TBLRD
Table Read (Continued)
Example 1:
TBLRD
*+ ;
Before Instruction
TABLAT
=
55h
TBLPTR
=
00A356h
MEMORY (00A356h)
=
34h
After Instruction
TABLAT
=
34h
TBLPTR
=
00A357h
Example 2:
TBLRD
+* ;
Before Instruction
TABLAT
=
AAh
TBLPTR
=
01A357h
MEMORY (01A357h)
=
12h
MEMORY (01A358h)
=
34h
After Instruction
TABLAT
=
34h
TBLPTR
=
01A358h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com