Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 149 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 149 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 145Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 146Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 147Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 148Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 149Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 150Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 151Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 152Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 147
PIC18F2525/2620/4525/4620
16.0
ENHANCED CAPTURE/
COMPARE/PWM (ECCP)
MODULE
In PIC18F4525/4620 devices, CCP1 is implemented
as a standard CCP module with Enhanced PWM
capabilities. These include the provision for 2 or 4
output channels, user-selectable polarity, dead-band
control and automatic shutdown and restart. The
Enhanced
features
are
discussed
in
detail
in
Section 16.4 “Enhanced PWM Mode”. Capture,
Compare and single-output PWM functions of the
ECCP module are the same as described for the
standard CCP module.
The control register for the Enhanced CCP module is
shown in Register 16-1. It differs from the CCPxCON
registers in PIC18F2525/2620 devices in that the two
Most Significant bits are implemented to control PWM
functionality.
Note:
The ECCP module is implemented only in
40/44-pin devices.
REGISTER 16-1:
CCP1CON: ECCP CONTROL REGISTER (40/44-PIN DEVICES)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
P1M1:P1M0: Enhanced PWM Output Configuration bits
If CCP1M3:CCP1M2 = 00, 01, 10:
xx
= P1A assigned as capture/compare input/output; P1B, P1C, P1D assigned as port pins
If CCP1M3:CCP1M2 = 11:
00
= Single output, P1A modulated; P1B, P1C, P1D assigned as port pins
01
= Full-bridge output forward, P1D modulated; P1A active; P1B, P1C inactive
10
= Half-bridge output, P1A, P1B modulated with dead-band control; P1C, P1D assigned as port pins
11
= Full-bridge output reverse, P1B modulated; P1C active; P1A, P1D inactive
bit 5-4
DC1B1:DC1B0: PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs of the 10-bit PWM duty cycle. The eight MSbs of the duty cycle are found in
CCPR1L.
bit 3-0
CCP1M3:CCP1M0: Enhanced CCP Mode Select bits
0000
= Capture/Compare/PWM off (resets ECCP module)
0001
= Reserved
0010
= Compare mode, toggle output on match
0011
= Capture mode
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize CCP1 pin low; set output on compare match (set CCP1IF)
1001
= Compare mode, initialize CCP1 pin high; clear output on compare match (set CCP1IF)
1010
= Compare mode, generate software interrupt only; CCP1 pin reverts to I/O state
1011
= Compare mode, trigger special event (ECCP resets TMR1 or TMR3, sets CCP1IF bit)
1100
= PWM mode, P1A, P1C active-high; P1B, P1D active-high
1101
= PWM mode, P1A, P1C active-high; P1B, P1D active-low
1110
= PWM mode, P1A, P1C active-low; P1B, P1D active-high
1111
= PWM mode, P1A, P1C active-low; P1B, P1D active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com