Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525IMLSQTP Datasheet(PDF) 175 Page - Microchip Technology

Part # PIC18F2525IMLSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525IMLSQTP Datasheet(HTML) 175 Page - Microchip Technology

Back Button PIC18F2525IMLSQTP Datasheet HTML 171Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 172Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 173Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 174Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 175Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 176Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 177Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 178Page - Microchip Technology PIC18F2525IMLSQTP Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 173
PIC18F2525/2620/4525/4620
REGISTER 17-5:
SSPCON2: MSSP CONTROL REGISTER 2 (I2C™ MODE)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
ACKSTAT
ACKDT(2)
ACKEN(1)
RCEN(1)
PEN(1)
RSEN(1)
SEN(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GCEN: General Call Enable bit (Slave mode only)
1
= Enables interrupt when a general call address (0000h) is received in the SSPSR
0
= General call address disabled.
bit 6
ACKSTAT: Acknowledge Status bit (Master Transmit mode only)
1
= Acknowledge was not received from slave
0
= Acknowledge was received from slave
bit 5
ACKDT: Acknowledge Data bit (Master Receive mode only)(2)
1
= Not Acknowledge
0
= Acknowledge
bit 4
ACKEN: Acknowledge Sequence Enable bit (Master Receive mode only)(1)
1
= Initiates Acknowledge sequence on SDA and SCL pins and transmit ACKDT data bit. Automatically
cleared by hardware.
0
= Acknowledge sequence Idle
bit 3
RCEN: Receive Enable bit (Master mode only)(1)
1
= Enables Receive mode for I2C
0
= Receive Idle
bit 2
PEN: Stop Condition Enable bit (Master mode only)(1)
1
= Initiates Stop condition on SDA and SCL pins. Automatically cleared by hardware.
0
= Stop condition Idle
bit 1
RSEN: Repeated Start Condition Enable bit (Master mode only)(1)
1
= Initiates Repeated Start condition on SDA and SCL pins. Automatically cleared by hardware.
0
= Repeated Start condition Idle
bit 0
SEN: Start Condition Enable/Stretch Enable bit(1)
In Master mode:
1
= Initiates Start condition on SDA and SCL pins. Automatically cleared by hardware.
0
= Start condition Idle
In Slave mode:
1
= Clock stretching is enabled for both slave transmit and slave receive (stretch enabled)
0
= Clock stretching is disabled
Note 1:
For bits ACKEN, RCEN, PEN, RSEN, SEN: If the I2C module is not in the Idle mode, these bits may not be
set (no spooling) and the SSPBUF may not be written (or writes to the SSPBUF are disabled).
2:
Value that will be transmitted when the user initiates an Acknowledge sequence at the end of a receive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com