Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U-78U Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # U-78U
Description  AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U-78U Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  U-78U Datasheet HTML 1Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 2Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 3Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 4Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 5Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 6Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 7Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 8Page - List of Unclassifed Manufacturers U-78U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7
7
5 & 6 Contact
Materials &
Finish
Diallyl phthalate per MIL-M-14F, Type MDG.
Stainless steel, passivated, sand-blasted.
Stainless steel, passivated, sand-blasted.
Copper alloy, .000030 gold per MIL-G-45204, Type I, Class 0 over
.001 nickel.
Dielectric Strength—500 V RMS.
Insulation Resistance—1000 Megohms, Min.
Contact Resistance (mated)—0.050 Ohms, Max.
Air Pressure—2.5 psi.
Immersion—48 hrs. at 6 ft.
Durability—3000 cycles, mate and unmate.
Specifications
Insulators
Electrical
Contacts
Panel Nuts
10 Contact
Materials &
Finish
Stainless steel, passivated, sand-blasted.
Stainless steel, black passivated.
Aluminum, black oxide.
Stainless steel, passivated, sand-blasted.
Copper alloy, .000030 gold.
Diallyl phthalate per MIL-M-14F, Type MDG.
Specifications
Dielectric Strength—500 V RMS.
Insulation Resistance—1000 Megohms, Min.
Contact Resistance (mated)—0.015 Ohms, Max.
Air Pressure—2.5 psi.
Immersion—48 hrs. at 6 ft.
Durability—3000 cycles, mate and unmate.
Mechanical
Plug Shells
Plug Rear Housing
Panel Nuts
Contacts
Insulators
Electrical
Mechanical
Receptacle Shells
Shells


Similar Description - U-78U

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3861FS ROHM-BD3861FS_1 Datasheet
344Kb / 6P
   Audio Sound Controller for home audio
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com