Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U-79U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # U-79U
Description  AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U-79U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  U-79U Datasheet HTML 1Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 2Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 3Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 4Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 5Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 6Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 7Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 8Page - List of Unclassifed Manufacturers U-79U Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
8
8
5-Contact Standard per MIL-C-55116
U-183/U
RECEPTACLE
Spring loaded contacts,
solder terminals, mates
with U-229/U, GC 217
& GC 217A.
Other pin styles
available.
U-228/U
PLUG
Spring loaded contacts,
barrel pin terminals,*
mates with U-229/U,
GC 217 & GC 217A.
U-229/U
PLUG
Rigid contacts, barrel pin
terminals,* mates with
U-183/U, U-228/U
& GC183S.
*Solder pin terminals
also available.
.665/.655
.760/
Ø.750
1/8 MAX. PANEL
L THICKNESS
51/64
MAX.
8/32
1 MAX.
31/32
ØMAX
A
A
A
A u
u
u
u d
d
d
d iiiio
o
o
o


Similar Description - U-79U

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3861FS ROHM-BD3861FS_1 Datasheet
344Kb / 6P
   Audio Sound Controller for home audio
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
Rohm
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com