Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-150K Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # Q-150K
Description  HEAT SHRINK THIN WALL TUBING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

Q-150K Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  Q-150K Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Property
Test Method
Typical Data
Tensile Strength
ASTM D 2671
> 30 MPa
Ultimate Elongation
ASTM D 2671
> 150%
Flammability
VW-1
Pass
Volume Resistance
IEC 93
>10 Ω.cm
Copper Stability
180°C, 168 hrs.
Pass
Copper Corrosion
180°C, 168 hrs.
No Corrosion
www.Qualtekusa.com
Q-150K
150°C , BLACK, MODIFIED THIN WALL FLEXIBLE PVDF TUBING
SHRINK RATIO 2:1
Features/Applications
applications requiring high temperature performance, outstanding abrasion and
cut-through resistance or superior chemical and solvent resistant properties. It
solvents and chemicals.
HEAT SHRINK THIN WALL TUBING
Qualtek Electronics
Notes:
1.
* See page 13 - Part Number Guide for standard packaging codes.
2.
Cross Reference Guide located on page 3.
3.
Special sizes, packaging, colors and cut pieces are available upon request.
Operating temperature: -55°C to +150°C
Minimum shrink temperature: 135°C
Full recovery temperature: 150°C
Approval: UL VW-1, File No. E245010
Meets: SAE-AMS-DTL-23053/18
Standard colors: Black, Clear
RoHS Compliant
HEAT SHRINK THIN WALL TUBING
Technical Data
Product Dimensions
Size
As Supplied
(mm)
After Recovered
(mm)
Tubing
Shape
Standard
Packaging
Inch
mm
Inside
Diameter
(min.)
Inside
Diameter
(max.)
Wall
Thickness
(min.)
Standard
Spool
*(SS)
(Meter)
Cut to Length Pcs.
*(QB)
Qty per bag
6”
48”
3/64
1.2
1.2
0.6
0.26
Round
200
32
25
1/16
1.6
1.6
0.8
0.26
Round
200
28
25
3/32
2.4
2.4
1.2
0.26
Round
200
24
25
1/8
3.2
3.2
1.6
0.26
Round
100
20
25
3/16
4.8
4.8
2.4
0.26
Round
100
16
25
1/4
6.4
6.4
3.2
0.26
Round
100
12
25
3/8
9.5
9.5
4.8
0.30
Flat
50
8
25
1/2
12.7
12.7
6.4
0.30
Flat
50
4
5
3/4
19.1
19.1
9.5
0.41
Flat
50
2
5
1
25.4
25.4
12.7
0.41
Flat
50
1
5
1 1/2
38.1
38.1
19.0
0.51
Flat
50
1
5
14


Similar Part No. - Q-150K

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q-150K QUALTEK-Q-150K Datasheet
801Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results

Similar Description - Q-150K

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q2-HF QUALTEK-Q2-HF Datasheet
796Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K Datasheet
599Kb / 1P
   HEAT SHRINK THIN WALL TUBING
QBG QUALTEK-QBG Datasheet
621Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-3X QUALTEK-Q2-3X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q-175K QUALTEK-Q-175K_13 Datasheet
596Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-HF QUALTEK-Q2-HF_13 Datasheet
820Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F QUALTEK-Q2-F_13 Datasheet
699Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-CB QUALTEK-Q2-CB Datasheet
397Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-LS QUALTEK-Q2-LS Datasheet
821Kb / 1P
   HEAT SHRINK THIN WALL TUBING
Q2-F4X QUALTEK-Q2-F4X_13 Datasheet
662Kb / 1P
   HEAT SHRINK THIN WALL TUBING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com