Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1303100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M-1303100
Description  WIREWOUND MULTITURN TYPE Mseries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M-1303100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M-1303100 Datasheet HTML 1Page - List of Unclassifed Manufacturers M-1303100 Datasheet HTML 2Page - List of Unclassifed Manufacturers M-1303100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
200
500
1 k
2 k
5 k
10k
20 k
50 k
100 k
M series
POTENTIOMETERS
Item
Part number
Resistance torelance
%
Independent linearity
%
End resistance, maximum
Effective electrical angle
Mechanical angle
Power rating
W
Dielectric strength
Vrms
Insulation resistance
M
Ω minimum
Rotational torque
mN·m {gf·cm} maximum
Stop strength
N·m {kgf·cm} maximum
Strength of tighten screw
N·m {kgf·cm} maximum
Peak noise
Ω maximum
Temp. coefficient of resistance
ppm/°C
Operating temp. range
°C
Rotational life
Net weight
g
M-13 series
M-22 series
M-1303
M-1305
M-22S10
M-22E10
± 5
2 % or 4
Ω, whichever is greater
0.5 % or 1
Ω, whichever is greater
± 0.5
± 0.2
± 50
−40 ~ 85
15000 cycles
25000 cycles
Approx. 7
Approx. 19
Approx. 17
Protection grade
IP
−40
1080°
0.75
1
2
1080°
1800°
3600°
1000 (at DC 500 V)
1000 1 min
14.7 {150}
9.81 {100}
0.147 {1.5}
0.196 {2}
0.98 {10}
M-22E10-000
0.784 {8}
M-22E10-050
0.588 {6}
20 (at 4 min
-1)
±10°
1800° ±
10°
3600°
+10°
0
STANDARD SPECIFICATIONS
NOMINAL RESISTANCE • RESOLUTION • RATED VOLTAGE • RATED CURRENT
Nominal resistance value (
Ω)
0.041
14.1
141.8
0.036
20.0
100.0
0.029
31.6
63.2
0.025
44.7
44.7
0.020
63.2
31.6
0.014
100.0
20.0
0.018
141.1
14.1
0.014
200.1
10.1
0.011
316.2
200.0
6.3
A 0.009
A 450.0
A 200.0
A 4.47
Resolution(%)
M-22S10
M-22E10
M-22S10
M-22E10
M-22S10
M-22E10
Rated voltage(V)
Rated current(mA)
Nominal resistance value (
Ω)
100
200
500
1 k
2 k
5 k
10 k
20 k
0.190
0.137
8.7
10.0
86.2
100.0
A 0.154
0.095
A 12.2
14.1
A 61.5
70.9
0.115
0.078
19.4
22.4
38.7
44.6
0.072
0.057
27.4
31.6
28.5
31.6
0.056
0.047
38.7
44.7
19.4
22.4
0.069
0.051
61.2
70.7
12.3
14.1
0.053
0.039
86.6
100.0
8.7
10.0
0.038
0.032
122.5
141.4
6.1
7.1
Resolution
(%)
M-1303
M-1305
M-1303
M-1305
M-1303
M-1305
Rated voltage
(V)
Rated current
(mA)
RATED POWER DERATING CURVE
The products indicated by
A mark are manufactured upon receipt of order basis.
100
Ambient temperature (C
°)
– 40
+ 40
+ 85
Specifications are subject to change without notice.


Similar Part No. - M-1303100

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
M-1303100 COPAL-M-1303100 Datasheet
97Kb / 3P
   WIREWOUND MULTITURN TYPE
More results

Similar Description - M-1303100

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
M22L10_SERIES COPAL-M22L10_SERIES Datasheet
80Kb / 2P
   WIREWOUND MULTITURN TYPE
M_SERIES COPAL-M_SERIES Datasheet
97Kb / 3P
   WIREWOUND MULTITURN TYPE
logo
Suntan Capacitors
TSR-3590 SUNTAN-TSR-3590_17 Datasheet
296Kb / 1P
   Precision Multiturn Wirewound Potentiometer
logo
Vatronics Technologies ...
3590S VATRONICS-3590S Datasheet
160Kb / 1P
   Precision Multiturn Wirewound Potentiometers
logo
Kingtronics Internation...
RKT-3590 KINGTRONICS-RKT-3590 Datasheet
362Kb / 1P
   PRECISION MULTITURN WIREWOUND POTENTIOMETER
logo
Bourns Electronic Solut...
RTR24DP103M BOURNS-RTR24DP103M Datasheet
124Kb / 1P
   Multiturn / Wirewound / Industrial / Sealed
logo
Suntan Capacitors
TSR-3590 SUNTAN-TSR-3590 Datasheet
297Kb / 1P
   Precision Multiturn Wirewound Potentiometer - 3590
logo
Bi technologies
BR10KT1L.5XX BITECH-BR10KT1L.5XX Datasheet
88Kb / 3P
   3-5/16 Diameter Multiturn Wirewound Precision Potentiometer
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
   Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
logo
Copal Electronics
J_SERIES COPAL-J_SERIES Datasheet
87Kb / 2P
   WIREWOUND SINGLE TURN TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com