Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX250 Datasheet(PDF) 256 Page - Microsemi Corporation

Part # AX250
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX250 Datasheet(HTML) 256 Page - Microsemi Corporation

Back Button AX250 Datasheet HTML 252Page - Microsemi Corporation AX250 Datasheet HTML 253Page - Microsemi Corporation AX250 Datasheet HTML 254Page - Microsemi Corporation AX250 Datasheet HTML 255Page - Microsemi Corporation AX250 Datasheet HTML 256Page - Microsemi Corporation AX250 Datasheet HTML 257Page - Microsemi Corporation AX250 Datasheet HTML 258Page - Microsemi Corporation AX250 Datasheet HTML 259Page - Microsemi Corporation AX250 Datasheet HTML 260Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 262 page
background image
Datasheet Information
4- 2
R ev isio n 1 8
Revision 17
(continued)
The C180 package was removed from product tables and the "Package Pin
Assignments" section (PDN 0909).
3-1
Package names used in the"Axcelerator Family Product Profile" and "Package
Pin Assignments" section were revised to match standards given in Package
Mechanical Drawings
(SAR 27395).
i, 3-1
The "Introduction" section for "User I/Os" was updated as follows:
"The user does not need to assign VREF pins for OUTBUF and TRIBUF. VREF
pins are needed only for input and bidirectional I/Os" (SARs 24181, 24309).
2-11
Power values in Table 2-4 • Default CLOAD/VCCI were updated to reflect those
of SmartPower (SAR 33945).
2-3
Two parameter names were corrected in Figure 2-10 • Output Buffer Delays.
One occurrence of tENLZ was changed to tENZL and one occurrence of tENHZ
was changed to tENZH (SAR 33890).
2-22
The "Timing Model" section was updated with new timing values. Timing tables
in the "I/O Specifications" section were updated to include enable paths. Values
in the timing tables in the "Voltage-Referenced I/O Standards" section and
"Differential Standards" section were updated. Table 2-63 • R-Cell was updated
(SAR 33945).
2-8, 2-26 to
2-53
Figure 2-11 • Timing Model was replaced (SAR 33043).
2-23
The timing tables for "RAM" and "FIFO" were updated (SAR 33945).
2-90 to 2-106
"Data Registers (DRs)" values were modified for IDCODE and USERCODE
(SARs 18257, 26406).
2-108
The package diagram for the "CQ208" package was incorrect and has been
replaced with the correct diagram (SARs 23865, 26345).
3-89
Revision 16
(v2.8, Oct. 2009)
The datasheet was updated to include AX2000-CQ2526 information.
N/A
MIL-STD-883 Class B is no longer supported by Axcelerator FPGAs and as a
result was removed.
N/A
A footnote was added to the "Introduction" in the "Axcelerator Clock
Management System" section.
2-75
Revision 15
(v2.7, Nov. 2008)
RoHS-compliant information was added to the "Ordering Information".
ii
ACTgen was changed to SmartGen because ACTgen is obsolete.
N/A
Revision 14
(v2.6)
In Table 2-4, the units for the PLOAD, P10, and PI/O were updated from mW/MHz
to mW/MHz.
2-3
In the "Pin Descriptions"section, the HCLK and CLK descriptions were updated
to include tie-off information.
2-9
The "Global Resource Distribution" section was updated.
2-70
The " CG624" table was updated.
3-116
Revision 13
(v2.5)
A note was added to Table 2-2.
2-1
In the "Package Thermal Characteristics", the temperature was changed from
150°C to 125°C.
2-6
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com