Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 219 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 219 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 215Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 216Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 217Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 218Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 219Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 220Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 221Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 222Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 217
PIC24HJXXXGPX06/X08/X10
SSS<2:0>
FSS
Secure Segment Program Flash Code Protection Size
(FOR 128K and 256K DEVICES)
X11 = No Secure program Flash segment
Secure space is 8K IW less BS
110 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x003FFE
010 = High security; secure program Flash segment starts at End of BS, ends
at 0x003FFE
Secure space is 16K IW less BS
101 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x007FFE
001 = High security; secure program Flash segment starts at End of BS, ends
at 0x007FFE
Secure space is 32K IW less BS
100 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x00FFFE
000 = High security; secure program Flash segment starts at End of BS, ends
at 0x00FFFE
(FOR 64K DEVICES)
X11
= No Secure program Flash segment
Secure space is 4K IW less BS
110 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x001FFE
010 = High security; secure program Flash segment starts at End of BS, ends
at 0x001FFE
Secure space is 8K IW less BS
101 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x003FFE
001 = High security; secure program Flash segment starts at End of BS, ends
at 0x003FFE
Secure space is 16K IW less BS
100 = Standard security; secure program Flash segment starts at End of BS,
ends at 0x007FFE
000 = High security; secure program Flash segment starts at End of BS, ends
at 0x007FFE
RSS<1:0>
FSS
Secure Segment RAM Code Protection
10 = No Secure RAM defined
10 = Secure RAM is 256 Bytes less BS RAM
01 = Secure RAM is 2048 Bytes less BS RAM
00 = Secure RAM is 4096 Bytes less BS RAM
GSS<1:0>
FGS
General Segment Code-Protect bit
11 = User program memory is not code-protected
10 = Standard Security; general program Flash segment starts at End of SS,
ends at EOM
0x = High Security; general program Flash segment starts at End of ESS, ends
at EOM
GWRP
FGS
General Segment Write-Protect bit
1 = User program memory is not write-protected
0 = User program memory is write-protected
TABLE 20-2:
PIC24HJXXXGPX06/X08/X10 CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com