Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ128GP310 Datasheet(PDF) 277 Page - Microchip Technology

Part # PIC24HJ128GP310
Description  High-Performance, 16-Bit Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ128GP310 Datasheet(HTML) 277 Page - Microchip Technology

Back Button PIC24HJ128GP310 Datasheet HTML 273Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 274Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 275Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 276Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 277Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 278Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 279Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 280Page - Microchip Technology PIC24HJ128GP310 Datasheet HTML 281Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 286 page
background image
© 2007 Microchip Technology Inc.
DS70175F-page 275
PIC24HJXXXGPX06/X08/X10
APPENDIX A: REVISION HISTORY
Revision A (February 2006)
• Initial release of this document
Revision B (March 2006)
• Updated the Configuration Bits Description table
(Table 20.1)
• Updated registers and register maps
• Updated Section 15.0 “Serial Peripheral Interface
(SPI)”
• Updated Section 23.0 “Electrical Characteristics”
• Updated pinout diagrams
• Additional minor corrections throughout document
text
Revision C (May 2006)
• Updated Section 23.0 “Electrical Characteristics”
• Updated the Configuration Bits Description table
(Table 20.1)
• Additional minor corrections throughout document
text
Revision D (July 2006)
• Added FBS and FSS Device Configuration regis-
ters (see Table 20-1) and corresponding bit field
descriptions (see Table 20-2). These added regis-
ters replaced the former RESERVED1 and
RESERVED2 registers.
• Added INTTREG Interrupt Control and Status
register. (See Section 6.3 “Interrupt Control
and Status Registers”. See also Register 6-33.)
• Added Core Registers BSRAM and SSRAM (see
Section 3.2.7 “Data Ram Protection Feature”)
• Clarified Fail-Safe Clock Monitor operation (see
Section 8.3 “Fail-Safe Clock Monitor (FSCM)”)
• Updated COSC<2:0> and NOSC<2:0> bit config-
urations in OSCCON register (see Register 8-1)
• Updated CLKDIV register bit configurations (see
Register 8-2)
• Added Word Write Cycle Time parameter (TWW)
to Program Flash Memory (see Table 23-12)
• Noted exceptions to Absolute Maximum Ratings
on I/O pin output current (see Section 23.0
“Electrical Characteristics”)
• Added ADC2 Event Trigger for Timer4/5
(Section 12.0 “Timer2/3, Timer4/5, Timer6/7
and Timer8/9”)
• Corrected mislabeled I2COV bit in I2CxSTAT
register (see Register 16-2)
• Removed AD26a, AD27a, AD28a, AD26b, AD27b
and AD28b from Table 23-34 (A/D Module)
• Revised Table 23-36 (AD63)
Revision E (June 2007)
• Updated Section 23.0 “Electrical Characteristics”
• Additional minor corrections throughout document
text



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com