Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968-125JC Datasheet(PDF) 110 Page - Advanced Micro Devices

Part # AM7968-125JC
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968-125JC Datasheet(HTML) 110 Page - Advanced Micro Devices

Back Button AM7968-125JC Datasheet HTML 106Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 107Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 108Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 109Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 110Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 111Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 112Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 113Page - Advanced Micro Devices AM7968-125JC Datasheet HTML 114Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
AMD
106
TAXIchip Integrated Circuits Technical Manual
Figure 12
Crystal Filter
LT1016
Am7968
Transmitter
SEROUT +
SEROUT -
X1
X2
CLK
Am7969
Receiver
SERIN +
SERIN -
X1
X2
CLK
300
300
3
2
1
7
+5 V
4
56
300
Am7968
Transmitter
SEROUT +
SEROUT -
X1
X2
CLK
Am7969
Receiver
SERIN +
SERIN -
X1
X2
CLK
CLK
GND
1
µF
Crystal Filter
Note: All crystals used are of same type.
4 pF
+
-
300
12330E-41
Figure 13
PLL Filter
LMC660C
+5 V
GND
1
µF
Notes:
1. Filter components were chosen for the following loop parameters:
Noise Bandwidth = 10 kHz
Damping Factor = 0.5
Natural Frequency = 3.18 kHz
2. Refer to Motorola MC4024, MC4044 and National LMC660C data sheets for specifications.
+
-
V
R
VCC
U1
D1
MC4044
GND
VCX2
OUT 2
MC4024
Am7968
TAXI
Transmitter
SEROUT +
SEROUT –
X1
X2
CLK
Am7969
TAXI
Receiver
SERIN +
SERIN –
X1
X2
CLK
GND
VCC
GND
V+
V-
15K
15K
15K
15K
4.7K
4.7K
50
CX2
VCM2
GND
1
µF
50
GND
GND
50 pF
12330E-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com