Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777B13TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9777B13TR
Description  Low power voltage regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777B13TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9777B13TR Datasheet HTML 1Page - STMicroelectronics L9777B13TR Datasheet HTML 2Page - STMicroelectronics L9777B13TR Datasheet HTML 3Page - STMicroelectronics L9777B13TR Datasheet HTML 4Page - STMicroelectronics L9777B13TR Datasheet HTML 5Page - STMicroelectronics L9777B13TR Datasheet HTML 6Page - STMicroelectronics L9777B13TR Datasheet HTML 7Page - STMicroelectronics L9777B13TR Datasheet HTML 8Page - STMicroelectronics L9777B13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
L9777
Block diagrams and pins configuration
Doc ID 13496 Rev 2
5/25
1
Block diagrams and pins configuration
1.1
Block diagram (option A)
Figure 1.
Block diagram (option A)
1.2
Option B features
VDD can sustain short to 40 V regardless of VI battery voltage
Current capability of VDD scaled down to 50 mA with dropout of 1.5 V (Max.)
In default condition, VDD and WD functions are disabled using 2 pull down current on
VDD_EN and WD_EN pin
Standby current consumption reduced to 100 µA (Typ.)
Figure 2.
Package pin configuration (options A and B)
watchdog
VI
Vbatt
WD
D
CD
TIMING
NMI
WD_EN
GND
VCC
CVCC
IVCC=200mA
Voltage
Reference
Low
Voltage
Reset
Start up
3R
R
VOFF
+
_
1.26V
RESET
IWD_EN
RADJ
Delay
VDD_EN
VDD
RNMI
RRESET
RWD
V D
CTIMING
IVDD=100mA
CVDD
VMUXTH
10
IVDD_EN
VCC
RESET
NMI
D
VDD_EN
WD
WD_EN
VI
TIMING
VCC
VDD
GND
RADJ
1
3
2
4
5
6
10
9
8
7
11
12
PinConfA_B


Similar Part No. - L9777B13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9777B13TR STMICROELECTRONICS-L9777B13TR Datasheet
473Kb / 25P
High precision output voltage
February 2014 Rev 4
More results

Similar Description - L9777B13TR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
logo
STMicroelectronics
L4989 STMICROELECTRONICS-L4989 Datasheet
584Kb / 10P
LOW POWER VOLTAGE REGULATOR
logo
Sharp Corporation
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
logo
STMicroelectronics
L4989MD STMICROELECTRONICS-L4989MD Datasheet
370Kb / 19P
Low power voltage regulator
logo
Sharp Corporation
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_18 Datasheet
193Kb / 22P
Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com