Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8S103F3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8S103F3 Datasheet HTML 97Page - STMicroelectronics STM8S103F3 Datasheet HTML 98Page - STMicroelectronics STM8S103F3 Datasheet HTML 99Page - STMicroelectronics STM8S103F3 Datasheet HTML 100Page - STMicroelectronics STM8S103F3 Datasheet HTML 101Page - STMicroelectronics STM8S103F3 Datasheet HTML 102Page - STMicroelectronics STM8S103F3 Datasheet HTML 103Page - STMicroelectronics STM8S103F3 Datasheet HTML 104Page - STMicroelectronics STM8S103F3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
8.0°
0.0°
8.0°
0.0°
k
0.0039
0.100
aaa
(1) Values in inches are converted from mm and rounded to 4 decimal digits
20-pin SO package mechanical data
11.6
Figure 50: 20-lead, plastic small outline (300 mils) package
E
20
e
D
C
H
1
10
11
B
Z7_ME
A1
L
A1
k
h x 45°
A
ddd
Table 57: 20-lead, plastic small outline (300 mils) mechanical data
inches
(1)
mm
Dim.
Max
Typ
Min
Max
Typ
Min
0.1043
0.0925
2.650
2.350
A
0.0118
0.0039
0.300
0.100
A1
0.0201
0.013
0.510
0.330
B
0.0126
0.0091
0.320
0.230
C
0.5118
0.4961
13.000
12.600
D
0.2992
0.2913
7.600
7.400
E
0.0500
1.270
e
101/117
DocID15441 Rev 9
Package information
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com