Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F215VG Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32F215VG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215VG Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32F215VG Datasheet HTML 161Page - STMicroelectronics STM32F215VG Datasheet HTML 162Page - STMicroelectronics STM32F215VG Datasheet HTML 163Page - STMicroelectronics STM32F215VG Datasheet HTML 164Page - STMicroelectronics STM32F215VG Datasheet HTML 165Page - STMicroelectronics STM32F215VG Datasheet HTML 166Page - STMicroelectronics STM32F215VG Datasheet HTML 167Page - STMicroelectronics STM32F215VG Datasheet HTML 168Page - STMicroelectronics STM32F215VG Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 173 page
background image
STM32F21xxx
Revision history
Doc ID 17050 Rev 8
165/173
22-Apr-2011
4
(continued)
Updated Typical and maximum current consumption conditions, as
well as Table 17: Typical and maximum current consumption in Run
mode, code with data processing running from Flash memory (ART
accelerator disabled) and Table 18: Typical and maximum current
consumption in Run mode, code with data processing running from
Flash memory (ART accelerator enabled) or RAM. Added Figure 20,
Figure 21, Figure 22, and Figure 23.
Updated Table 19: Typical and maximum current consumption in Sleep
mode, and added Figure 24 and Figure 25.
Updated Table 21: Typical and maximum current consumptions in
Standby mode and Table 22: Typical and maximum current
consumptions in VBAT mode.
Updated Table 20: Typical and maximum current consumptions in Stop
mode. Added Figure 26: Typical current consumption vs temperature
in Stop mode.
Updated Table 21: Typical and maximum current consumptions in
Standby mode and Table 22: Typical and maximum current
consumptions in VBAT mode.
Updated On-chip peripheral current consumption conditions and
Table 23: Peripheral current consumption.
Updated tWUSTDBY and tWUSTOP, and added Note 3 in Table 24: Low-
power mode wakeup timings.
Maximum fHSE_ext and minimum tw(HSE) values updated in Table 25:
High-speed external user clock characteristics.
Updated C and gm in Table 27: HSE 4-26 MHz oscillator
characteristics. Updated RF, I2, gm, and tsu(LSE) in Table 28: LSE
oscillator characteristics (fLSE = 32.768 kHz).
Added Note 3 and updated ACCHSI, IDD(HSI) and tsu(HSI) in Table 29:
HSI oscillator characteristics. Added Figure 31: ACCHSI versus
temperature
Updated fLSI, tsu(LSI) and IDD(LSI) in Table 30: LSI oscillator
characteristics.
Table 31: Main PLL characteristics: removed note 1, updated tLOCK,
jitter, IDD(PLL) and IDDA(PLL), added Note 2 for fPLL_IN minimum and
maximum values.
Table 32: PLLI2S (audio PLL) characteristics: removed note 1, updated
tLOCK, jitter, IDD(PLLI2S) and IDDA(PLLI2S), added Note 2 for fPLLI2S_IN
minimum and maximum values.
Added Note 1 in Table 33: SSCG parameters constraint.
Updated Table 34: Flash memory characteristics. Modified Table 35:
Flash memory programming and added Note 1 for tprog. Updated tprog
and added Note 1 in Table 36: Flash memory programming with VPP.
Modified Figure 36: Recommended NRST pin protection.
Updated Table 39: EMI characteristics and EMI monitoring conditions
in Section : Electromagnetic Interference (EMI).
Added Note 2 related to VESD(HBM)in Table 40: ESD absolute
maximum ratings.
Added Section 5.3.15: I/O current injection characteristics.
Updated Table 43: I/O static characteristics. Modified maximum
frequency values and conditions in Table 45: I/O AC characteristics.
Table 92.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com