Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IE Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32F217IE
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IE Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32F217IE Datasheet HTML 165Page - STMicroelectronics STM32F217IE Datasheet HTML 166Page - STMicroelectronics STM32F217IE Datasheet HTML 167Page - STMicroelectronics STM32F217IE Datasheet HTML 168Page - STMicroelectronics STM32F217IE Datasheet HTML 169Page - STMicroelectronics STM32F217IE Datasheet HTML 170Page - STMicroelectronics STM32F217IE Datasheet HTML 171Page - STMicroelectronics STM32F217IE Datasheet HTML 172Page - STMicroelectronics STM32F217IE Datasheet HTML 173Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 170 / 173 page
background image
Revision history
STM32F21xxx
170/173
Doc ID 17050 Rev 8
24-Apr-2012
7
Updated number of USB OTG HS and FS, added Note 1 related to
FSMC and Note 3 related to SPI/I2S in Table 2: STM32F215xx and
STM32F217xx: features and peripheral counts.
Added Note 2 and update TIM5 in Figure 4: STM32F21x block
diagram.
Updated maximum number of maskable interrupts in Section 2.2.10:
Nested vectored interrupt controller (NVIC).
Removed STM32F215xx in Section 2.2.28: Universal serial bus on-
the-go full-speed (OTG_FS).
Removed support of I2C for OTG PHY in Section 2.2.29: Universal
serial bus on-the-go high-speed (OTG_HS).
Removed OTG_HS_SCL, OTG_HS_SDA, OTG_FS_INTN in Table 5:
STM32F21x pin and ball definitions and Table 7: Alternate function
mapping.
PH10 alternate function TIM5_CH1_ETR renamed TIM5_CH1.
Added Table 6: FSMC pin definition.
Updated VPOR/PDR in Table 16: Embedded reset and power control
block characteristics.
Updated VDDA and VREF+ decouping capacitor in Figure 16: Power
supply scheme.
Updated typical values in Table 21: Typical and maximum current
consumptions in Standby mode and Table 22: Typical and maximum
current consumptions in VBAT mode.
Updated Table 27: HSE 4-26 MHz oscillator characteristics and
Table 28: LSE oscillator characteristics (fLSE = 32.768 kHz).
Updated Table 34: Flash memory characteristics, Table 35: Flash
memory programming, and Table 36: Flash memory programming with
VPP.
Updated Section : Output driving current.
Updated Note 3 and removed note related to minimum hold time value
in Table 49: I2C characteristics.
Updated Table 61: Dynamics characteristics: Ethernet MAC signals for
RMII.
Updated CADC, IVREF+, and IVDDA in Table 63: ADC characteristics.
Updated note concerning ADC accuracy vs. negative injection current
below Table 64: ADC accuracy.
Updated Figure 81: UFBGA176+25 - ultra thin fine pitch ball grid array
10 × 10 × 0.6 mm, package outline.
Appendix A.1: Main applications versus package: removed number of
address lines for FSMC/NAND in Table 91: Main applications versus
package for STM32F2xxx microcontrollers.
Appendix A.5: Complete audio player solutions: updated Figure 87:
Complete audio player solution 1 and Figure 88: Complete audio
player solution 2.
Table 92.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com