Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217ZG Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32F217ZG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217ZG Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32F217ZG Datasheet HTML 158Page - STMicroelectronics STM32F217ZG Datasheet HTML 159Page - STMicroelectronics STM32F217ZG Datasheet HTML 160Page - STMicroelectronics STM32F217ZG Datasheet HTML 161Page - STMicroelectronics STM32F217ZG Datasheet HTML 162Page - STMicroelectronics STM32F217ZG Datasheet HTML 163Page - STMicroelectronics STM32F217ZG Datasheet HTML 164Page - STMicroelectronics STM32F217ZG Datasheet HTML 165Page - STMicroelectronics STM32F217ZG Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 175 page
background image
Revision history
STM32F21xxx
162/175
DocID17050 Rev 9
9
Revision history
Table 93. Document revision history
Date
Revision
Changes
02-Feb-2010
1
Initial release.
13-Jul-2010
2
Updated datasheet status to PRELIMINARY DATA.
Renamed high-speed SRAM, system SRAM.
Added UFBGA176 package, and note 1 related to LQFP176 package
in Table 2, Figure 12, and Table 92.
Added information on ART accelerator and audio PLL (PLLI2S).
Added Table 5: USART feature comparison.
Several updates on Table 7: STM32F21x pin and ball definitions and
Table 9: Alternate function mapping. ADC, DAC, oscillator, RTC_AF,
WKUP and VBUS signals removed from alternate functions and
moved to the “other functions” column in Table 7: STM32F21x pin and
ball definitions.
TRACESWO added in Figure 4: STM32F21x block diagram, Table 7:
STM32F21x pin and ball definitions, and Table 9: Alternate function
mapping.
XTAL oscillator frequency updated on cover page, in Figure 4:
STM32F21x block diagram and in Section 3.11: External
interrupt/event controller (EXTI).
Updated list of peripherals used for boot mode in Section 3.13: Boot
modes.
Added Regulator bypass mode in Section 3.16: Voltage regulator, and
Section 6.3.4: Operating conditions at power-up / power-down
(regulator OFF).
Updated Section 3.17: Real-time clock (RTC), backup SRAM and
backup registers.
Added Note Note: in Section 3.18: Low-power modes.
Added SPI TI protocol in Section 3.23: Serial peripheral interface
(SPI).
Updated Section 3.28: Universal serial bus on-the-go full-speed
(OTG_FS), and Section 3.29: Universal serial bus on-the-go high-
speed (OTG_HS).
Added Section 6: Electrical characteristics, and Section 7.2: Thermal
characteristics.
Updated Table 89: LQFP176 - Low profile quad flat package 24 × 24 ×
1.4 mm package mechanical data and Figure 80: LQFP176 - Low
profile quad flat package 24 × 24 × 1.4 mm, package outline.
Added Table 93: Main applications versus package for STM32F2xxx
microcontrollers in A.1: Main applications versus package. Updated
figures in Appendix A.2: USB OTG full speed (FS) interface solutions
and A.3: USB OTG high speed (HS) interface solutions. Updated
Figure 94: Audio player solution using PLL, PLLI2S, USB and 1 crystal
and Figure 95: Audio PLL (PLLI2S) providing accurate I2S clock.
Added random number generation feature. Added trademark for ART
accelerator and updated Section 3.2: Adaptive real-time memory
accelerator (ART Accelerator™)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com